Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCVGA7C5G-R16-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # CCVGA7C5G-R16-T
Description  VGA PORT COMPANION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CCVGA7C5G-R16-T Datasheet(HTML) 4 Page - Unisonic Technologies

  CCVGA7C5G-R16-T Datasheet HTML 1Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 2Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 3Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 4Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 5Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CCVGA7C5
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R223-021.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Inputs
VCC, VRGB, VAUX
GND-0.5 ~ +6.0
V
Diode Forward Current
(One Diode Conducting at a Time)
20
mA
DC Voltage at Inputs
R, G, B
GND-0.5 ~ VRGB +0.5
V
HSYNC, VSYNC
GND-0.5 ~ VAUX +0.5
V
DDC_CLK, DDC_DATA
GND-0.5 ~ VCC +0.5
V
Package Power Rating
750
mW
Operating Temperature Range
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
−40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
STANDARD OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Main Supply Voltage
VCC
4.5
5.5
V
RGB Supply Voltage
VRGB
1.7
3.7
V
Auxiliary Supply Voltage
VAUX
2.9
3.7
V
Logic High Input Voltage (Note)
VIH
2.0
V
Logic Low Input Voltage (Note)
VIL
0.8
V
Input Voltage
RGB
VI
0
VRGB
V
HSYNC, VSYNC
0
VAUX
V
DDC_CLK, DDC_DATA
0
VCC
V
High Level Output Current (Note 1)
IOH
-8
mA
Low Level Output Current (Note 1)
IOL
8
mA
Free−Air Operating Temperature
TA
0
+70
°C
Note: These parameters apply only to the HSYNC and VSYNC signals.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com