Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCVGA7C5G-R16-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CCVGA7C5G-R16-T
Description  VGA PORT COMPANION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CCVGA7C5G-R16-T Datasheet(HTML) 1 Page - Unisonic Technologies

  CCVGA7C5G-R16-T Datasheet HTML 1Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 2Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 3Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 4Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 5Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
CCVGA7C5
Preliminary
TVS
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R223-021.a
VGA PORT COMPANION
CIRCUIT
DESCRIPTION
The UTC CCVGA7C5 is an ESD solution for the VGA port
connector. This device integrates ESD protection for all signals,
Two non-inverting drivers provide buffering for the HSYNC
and VSYNC signals from the video controller IC. These buffers
accept TTL input levels and convert them to CMOS output levels
that swing between Ground and VCC 。 These drivers have a
nominal 60Ω output impedance to match the characteristic
impedance of the HSYNC and VSYNC lines of the video cables
typically used. The inputs of these drivers also have high
impedance pull−ups (50kΩ nom.) pulling up to the VAUX rail.
In addition, the DDC_CLOCK and DDC_DATA channels have
1.8kΩ resistors pulling these inputs up to the main 5V (VCC) rail.
The upper ESD diodes for the R, G and B channels are connected to a separate supply rail (VRGB) to facilitate
interfacing to graphics controller ICs with low voltage supplies. The remaining channels are connected to the main 5
V rail (VCC). The lower diodes for the R, G and B channels are also connected to a dedicated ground pin (GNDA) to
minimize crosstalk due to common ground impedance.
ESD protection is implemented with current steering diodes designed to safely handle the high peak surge currents
associated with the IEC−1000−4−2 Level−4 ESD Protection Standard (±8kV contact discharge). When the channels
are subjected to an electrostatic discharge, the ESD current pulse is diverted via the protection diodes into the
positive supply rails or ground where they may be safely dissipated.
FEATURES
* 7 Channels of ESD Protection Designed to Meet
IEC−1000−4−2 Level−4 ESD Requirements (±8kV Contact
Discharge)
* Three Independent Supply Pins (VCC, VRGB and VAUX) to
Facilitate Operation with Sub−Micron Graphics Controller ICs
* Very Low Loading Capacitance from ESD Protection Diodes
at Less than 5pF Typical
* TTL to CMOS Level−Translating Buffers for the
HSYNC and VSYNC Lines
* High impedance Pull−Ups (50kΩ Nominal to
VAUX) for HSYNC and VSYNC Inputs
* Pull−Up Resistors (1.8kΩ Nominal to VCC) for
DDC_CLK and DDC_DATA Lines
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
CCVGA7C5L-R16-T
CCVGA7C5G-R16-T
SSOP-16
Tube
CCVGA7C5L-R16-R
CCVGA7C5G-R16-R
SSOP-16
Tape Reel
(1) T: Tube, R: Tape Reel
(2) R16: SSOP-16
(3) L: Lead Free, G: Halogen Free
CCVGA7C5L-R16-T
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - CCVGA7C5G-R16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
CCVGA7C5G-R16-T UTC-CCVGA7C5G-R16-T Datasheet
181Kb / 6P
VGA PORT COMPANION CIRCUIT
More results

Similar Description - CCVGA7C5G-R16-T

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
VGA PORT COMPANION CIRCUIT
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
VGA Port Companion Circuit
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
VGA Port Companion Circuit
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
VGA Port Companion Circuit
May 2010 Rev. 2
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
VGA Port Companion Circuit
May 2010 Rev. 3
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
VGA Port Companion Circuit
May, 2012 ??Rev. 5
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
VGA Port Companion Circuit
October, 2011 ??Rev. 3
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com