Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCVGA7C9L-R16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # CCVGA7C9L-R16-R
Description  VGA OR DVI-I PORT COMPANION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CCVGA7C9L-R16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  CCVGA7C9L-R16-R Datasheet HTML 1Page - Unisonic Technologies CCVGA7C9L-R16-R Datasheet HTML 2Page - Unisonic Technologies CCVGA7C9L-R16-R Datasheet HTML 3Page - Unisonic Technologies CCVGA7C9L-R16-R Datasheet HTML 4Page - Unisonic Technologies CCVGA7C9L-R16-R Datasheet HTML 5Page - Unisonic Technologies CCVGA7C9L-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CCVGA7C9
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R223-015.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VCC_SYNC
This is an isolated supply input for the SYNC_1 and SYNC_2 level shifters and their
associated ESD protection circuits.
2
VCC_VIDEO
This is a supply pin specifically for the VIDEO_1, VIDEO_2 and VIDEO_3 ESD protection
circuits.
3
VIDEO_1
Video signal ESD protection channel. This pin is typically tied one of the video lines
between the VGA controller device and the video connector.
4
VIDEO_2
5
VIDEO_3
6
GND
Ground.
7
VCC_DDC
This is an isolated supply input for the DDC_1 and DDC_2 level-shifting N-FET gates.
8
BYP
This input is Using a 0.2uF bypass capacitor will increase the ESD robustness of the
system.
9
DDC_OUT1
DDC signal output. Connects to the video connector side of one of the sync lines
10
DDC_IN1
DDC signal input. Connects to the VGA controller side of one of the sync lines.
11
DDC_IN2
12
DDC_OUT2
DDC signal output. Connects to the video connector side of one of the sync lines.
13
SYNC_IN1
Sync signal buffer input. Connects to the VGA controller side of one of the sync lines.
14
SYNC_OUT1
Sync signal buffer output. Connects to the video connector side of one of the sync lines.
15
SYNC_IN2
Sync signal buffer input. Connects to the VGA controller side of one of the sync lines.
16
SYNC_OUT2
Sync signal buffer output. Connects to the video connector side of one of the sync lines.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com