Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCVGA7C9L-R16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # CCVGA7C9L-R16-R
Description  VGA OR DVI-I PORT COMPANION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CCVGA7C9L-R16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  CCVGA7C9L-R16-R Datasheet HTML 1Page - Unisonic Technologies CCVGA7C9L-R16-R Datasheet HTML 2Page - Unisonic Technologies CCVGA7C9L-R16-R Datasheet HTML 3Page - Unisonic Technologies CCVGA7C9L-R16-R Datasheet HTML 4Page - Unisonic Technologies CCVGA7C9L-R16-R Datasheet HTML 5Page - Unisonic Technologies CCVGA7C9L-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CCVGA7C9
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R223-015.a
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SYNC Driver H => L Propagation
Delay
tPHL
CL=50pF, VCC=5.0V, Input tR and tF≤5ns
12
ns
SYNC Driver Output Rise & Fall
Times
tR, tF
CL=50pF, VCC=5.0V, Input tR and tF≤5ns
4
ns
ESD Withstand Voltage (Note 3)
VESD
VCC_VIDEO=VCC_SYNC=5V
±8
kV
Notes: 1. All parameters specified over standard operating conditions unless otherwise noted.
2. These parameters apply only to the SYNC drivers. Note that ROUT=RT + RBUFFER.
3. The SYNC_OUT pins on the UTC CCVGA7C9-02 are guaranteed for 2kV HBM ESD protection.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com