Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCVGA7C9G-R16-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CCVGA7C9G-R16-T
Description  VGA OR DVI-I PORT COMPANION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CCVGA7C9G-R16-T Datasheet(HTML) 1 Page - Unisonic Technologies

  CCVGA7C9G-R16-T Datasheet HTML 1Page - Unisonic Technologies CCVGA7C9G-R16-T Datasheet HTML 2Page - Unisonic Technologies CCVGA7C9G-R16-T Datasheet HTML 3Page - Unisonic Technologies CCVGA7C9G-R16-T Datasheet HTML 4Page - Unisonic Technologies CCVGA7C9G-R16-T Datasheet HTML 5Page - Unisonic Technologies CCVGA7C9G-R16-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
CCVGA7C9
Preliminary
TVS
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R223-015.a
VGA OR DVI-I PORT
COMPANION CIRCUIT
DESCRIPTION
The UTC CCVGA7C9 is an ESD solution for the VGA or DVI-I
port connector. This device integrates ESD protection for all
signals, level shifting for the DDC signals and buffering for the
SYNC signals. ESD protection for the VIDEO, DDC and SYNC
lines is implemented with low-capacitance current steering
diodes.
Separate positive supply rails are provided for the VIDEO,
DDC and SYNC channels to facilitate interfacing with low voltage
video
controller
ICs
to
provide
design
flexibility
in
multi-supply-voltage environments.
Two non-inverting drivers provide buffering for the HSYNC and VSYNC signals from the video controller IC
(SYNC1, SYNC2). These buffers accept TTL input levels and convert them to CMOS output levels that swing
between Ground and VCC_SYNC, which is typically 5V. Additionally, each driver has a series termination resistor (RT)
connected to the SYNC_OUT pin, eliminating the external termination resistors typically required for the HSYNC and
VSYNC lines of the video cable. There are three versions with different values of RT to allow termination at typically
65Ω (UTC CCVGA7C9−00) or 15Ω (UTC CCVGA7C9−02).
Two N-channel MOSFETs provide the level shifting function required when the DDC controller is operated at a
lower supply voltage than the monitor. The gate terminals for the MOSFETs (VCC_DDC) should be connected to the
supply rail (typically 3.3 V) that supplies power to the transceivers of the DDC controller.
All ESD diodes are designed to safely handle the high current spikes specified by IEC-61000-4-2 Level 4 (±8kV
contact discharge if CBYP is present, ±4kV if not). The ESD protection for the DDC signal pins are designed to
prevent “back current” when the device is powered down while connected to a monitor that is powered up.
FEATURES
* 7 Channels of ESD protection for all VGA port connector pins
meeting IEC-61000-4-2 Level 4 ESD requirements (±8kV
contact discharge)
* Includes ESD protection, level-shifting, buffering and sync
impedance matching
* Very low loading capacitance from ESD protection diodes on
VIDEO lines (4pF maximum)
* 5V drivers for HSYNC and VSYNC lines
* Integrated impedance matching resistors on
sync lines
* Bi-directional level shifting N-Channel FETs
provided for DDC_CLK & DDC_DATA channels
* Backdrive protection on DDC lines
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
CCVGA7C9L-R16-T
CCVGA7C9G-R16-T
SSOP-16
Tube
CCVGA7C9L-R16-R
CCVGA7C9G-R16-R
SSOP-16
Tape Reel


Similar Part No. - CCVGA7C9G-R16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
CCVGA7C9G-R16-T UTC-CCVGA7C9G-R16-T Datasheet
213Kb / 6P
VGA OR DVI-I PORT COMPANION CIRCUIT
More results

Similar Description - CCVGA7C9G-R16-T

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
VGA PORT COMPANION CIRCUIT
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
VGA Port Companion Circuit
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
VGA Port Companion Circuit
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
VGA Port Companion Circuit
logo
ON Semiconductor
CM2009-05CP ONSEMI-CM2009-05CP Datasheet
123Kb / 8P
VGA or DVI-I Port Companion Circuit
April 2010 Rev. P2
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
VGA PORT COMPANION CIRCUIT
CCVGA7C9 UTC-CCVGA7C9_15 Datasheet
213Kb / 6P
VGA OR DVI-I PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com