Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS953002 Datasheet(PDF) 22 Page - Integrated Circuit Systems

Part # ICS953002
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS953002 Datasheet(HTML) 22 Page - Integrated Circuit Systems

Back Button ICS953002 Datasheet HTML 18Page - Integrated Circuit Systems ICS953002 Datasheet HTML 19Page - Integrated Circuit Systems ICS953002 Datasheet HTML 20Page - Integrated Circuit Systems ICS953002 Datasheet HTML 21Page - Integrated Circuit Systems ICS953002 Datasheet HTML 22Page - Integrated Circuit Systems ICS953002 Datasheet HTML 23Page - Integrated Circuit Systems ICS953002 Datasheet HTML 24Page - Integrated Circuit Systems ICS953002 Datasheet HTML 25Page - Integrated Circuit Systems ICS953002 Datasheet HTML 26Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
I
2C Table: Device Control Register
Bit 7
FS Source
Frequency H/W IIC
Select
RW
0
Bit 6
Reserved
Reserved
RW
1
Bit 5
ROD
Reset On Demand
RW
0
Bit 4
FS4
Freq/Div Sel Bit 4
RW
latch
Bit 3
FS3
Freq/Div Sel Bit 3
RW
latch
Bit 2
FSL2
Freq/Div Sel Bit 2
RW
latch
Bit 1
FSL1
Freq/Div Sel Bit 1
RW
latch
Bit 0
FSL0
Freq/Div Sel Bit 0
RW
latch
I
2C Table: Device Control Register
Bit 7
SS_EN1
PLL1 Spread Enable
RW
1
Bit 6
SS_EN2
PLL2 Spread Enable
RW
1
Bit 5
M/N Enable bit
M/N Programming
Enable bit
RW
0
Bit 4
CPUFS4
PLL1 VCO Sel b4
RW
X
Bit 3
CPUFS3
PLL1 VCO Sel b3
RW
X
Bit 2
CPUFS2
PLL1 VCO Sel b2
RW
0
Bit 1
CPUFS1
PLL1 VCO Sel b1
RW
0
Bit 0
CPUFS0
PLL1 VCO Sel b0
RW
0
B1b[4:3] = 00 is invalid
I
2C Table: Output Control Register
Bit 7
REF0
Output Control
RW
1
Bit 6
REF1
Output Control
RW
1
Bit 5
PCICLK0
Output Control
RW
1
Bit 4
PCICLK1
Output Control
RW
1
Bit 3
PCICLK2
Output Control
RW
1
Bit 2
PCICLK3
Output Control
RW
1
Bit 1
PCICLK4
Output Control
RW
1
Bit 0
PCICLK5
Output Control
RW
1
I
2C Table: Output Control Register
Bit 7
48MHz
Output Control
RW
1
Bit 6
24_48MHz
Output Control
RW
1
Bit 5
3V66_2
Output Control
RW
1
Bit 4
3V66_1
Output Control
RW
1
Bit 3
3V66_0
Output Control
RW
1
Bit 2
-
SEL24_48MHz
Output Select
RW
Latch
Bit 1
ITP_EN
Output Select
RW
Latch
Bit 0
Mode 0
Output Select
RW
Latch
Enable
Disable
Enable
Enable
Disable
Disable
Disable
Disable
Enable
Enable
CPU_STOP/PCI_P
CIEX_STOP
CPUCLKT/C2
48MHz
24MHz
-
-
-
-
-
PWD
-
Name
Control Function
Type
0
-
-
-
Byte 3
-
-
-
Name
1
Enable
Disable
Disable
Name
Type
Control Function
Type
PWD
1
01
Latch Inputs
OFF
Enable
-
-
-
PWD
PWD
-
Byte 1
Pin #
-
-
-
-
-
Pin #
-
-
Name
-
-
-
Byte 2
Pin #
-
-
-
Type
Byte 0
Pin #
-
Control Function
Control Function
IIC
ON
ON
--
Disable
Enable
See Table 1b: PLL2 AGP/PCI Frequency
Selection Table
OFF
0
Disable
Disable
PCIEXCLKT/C5
Disable
1
PCIEXCLKT/C0
Enable
Disable
Enable
Enable
Enable
Disable
Disable
Disable
Enable
See Table 1a: PLL1 Rom VCO
Frequency Selection Table
0
Enable
-
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com