Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS953002 Datasheet(PDF) 25 Page - Integrated Circuit Systems

Part # ICS953002
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS953002 Datasheet(HTML) 25 Page - Integrated Circuit Systems

Back Button ICS953002 Datasheet HTML 21Page - Integrated Circuit Systems ICS953002 Datasheet HTML 22Page - Integrated Circuit Systems ICS953002 Datasheet HTML 23Page - Integrated Circuit Systems ICS953002 Datasheet HTML 24Page - Integrated Circuit Systems ICS953002 Datasheet HTML 25Page - Integrated Circuit Systems ICS953002 Datasheet HTML 26Page - Integrated Circuit Systems ICS953002 Datasheet HTML 27Page - Integrated Circuit Systems ICS953002 Datasheet HTML 28Page - Integrated Circuit Systems ICS953002 Datasheet HTML 29Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
25
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
I
2C Table: PLL1 Frequency Control Register
Bit 7
N Div7
RW
X
Bit 6
N Div6
RW
X
Bit 5
N Div5
RW
X
Bit 4
N Div4
RW
X
Bit 3
N Div3
RW
X
Bit 2
N Div2
RW
X
Bit 1
N Div1
RW
X
Bit 0
N Div0
RW
X
I
2C Table: PLL1 Spread Spectrum Control Register
Bit 7
SSP7
RW
X
Bit 6
SSP6
RW
X
Bit 5
SSP5
RW
X
Bit 4
SSP4
RW
X
Bit 3
SSP3
RW
X
Bit 2
SSP2
RW
X
Bit 1
SSP1
RW
X
Bit 0
SSP0
RW
X
I
2C Table: PLL1 Spread Spectrum Control Register
Bit 7
Reserved
Reserved
R
0
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
I
2C Table: Output Divider Control Register
Bit 7
CPUDiv3
RW
0000:/2
0100:/4
1000:/8
1100:/16
X
Bit 6
CPUDiv2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 5
CPUDiv1
RW
0010:/5
0110:/10 1010:/20
1110:/40
X
Bit 4
CPUDiv0
RW
0011:/7
0111:/14 1011:/28
1111:/56
X
Bit 3
AGP/PCIDiv3
RW
0000:/2
0100:/4
1000:/8
1100:/16
X
Bit 2
AGP/PCIDiv2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 1
AGP/PCIDiv1
RW
0010:/5
0110:/10 1010:/20
1110:/40
X
Bit 0
AGP/PCIDiv0
RW
0011:/7
0111:/14 1011:/28
1111:/56
X
AGP/PCI Divider Ratio
Programmaing Bits
PLL2
PWD
PWD
Byte 12
Pin #
Name
-
-
Name
Type
Type
-
N Divider Programming
b(7:0)
-
-
-
-
-
Control Function
-
-
-
-
Byte 13
Pin #
-
-
PWD
-
Byte 14
Pin #
Name
Type
Control Function
--
0
-
-
-
-
-
-
-
-
-
Spread Spectrum
Programming b(14:8)
Spread Spectrum
Programming b(7:0)
Control Function
0
1
01
These Spread Spectrum bits in Byte 13
and 14 will program the spread pecentage
of PLL1
The decimal representation of M and N
Divier in Byte 11 and 12 will configure the
PLL1 VCO frequency. Default at power
up = latch-in or Byte 0 Rom table.
VCO Frequency = 14.318 x [NDiv(9:0)+8]
/ [MDiv(5:0)+2]
PWD
Byte 15
Pin #
Name
Control Function
0
1
-
-
-
-
-
-
-
-
These Spread Spectrum bits in Byte 13
and 14 will program the spread pecentage
of PLL1
1
CPU Divider Ratio
Programmaing Bits
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com