Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2054L-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM2054L-P14-R
Description  QUAD OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2054L-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM2054L-P14-R Datasheet HTML 1Page - Unisonic Technologies LM2054L-P14-R Datasheet HTML 2Page - Unisonic Technologies LM2054L-P14-R Datasheet HTML 3Page - Unisonic Technologies LM2054L-P14-R Datasheet HTML 4Page - Unisonic Technologies LM2054L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM2058
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R105-046, A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
±
20
V
Differential Input Voltage
VI(DIFF)
±
40
V
Input Voltage
VIN
-0.3 ~ +40
V
Power Dissipation
PD
460
mW
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VCC=5.0V, All voltage referenced to GND unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
VCM=0V toVCC-1.5V
VO(P)=1.4V, RS=0Ω
5.0
mV
Input Offset Current
II(OFF)
50
nA
Input Bias Current
II(BIAS)
250
nA
Input Common Mode Voltage
VI(CM)
VCC=30V
0
VCC-1.5
V
Power Supply Current
ICC
RL=∞, VCC=30V
1.0
3.0
mA
VCC=5V
0.7
1.2
mA
Large Signal Voltage Gain
GV
VCC=15V, RL≧2KΩ
VO(P)=1V ~ 11V
25
100
V/mV
Output Voltage Swing
VO(H)
VCC=30V, RL=2KΩ
26
V
VCC=30V, RL=10KΩ
27
28
V
VO(L)
VCC=5V, RL>10KΩ
5
20
mV
Common Mode Rejection Ratio
CMRR
65
75
dB
Power Supply Rejection Ratio
PSRR
65
100
dB
Channel Separation
CS
f=1KHZ ~ 20KHZ
120
dB
Short Circuit Current to Ground
ISC
40
60
mA
Output Current
ISOURCE
VI(+)=1V, VI(-)=0V
VCC=15V, VO(P)=2V
20
40
mA
ISINK
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=2V
10
13
mA
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=200mV
12
45
μA
Differential Input Voltage
VI(DIFF)
VCC
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com