Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2054L-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM2054L-P14-R
Description  QUAD OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2054L-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM2054L-P14-R Datasheet HTML 1Page - Unisonic Technologies LM2054L-P14-R Datasheet HTML 2Page - Unisonic Technologies LM2054L-P14-R Datasheet HTML 3Page - Unisonic Technologies LM2054L-P14-R Datasheet HTML 4Page - Unisonic Technologies LM2054L-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM2058
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R105-046, A
QUAD OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC LM2054 consists of four independent, high gain
internally frequency compensated operational amplifiers which are
designed specifically to operated from a single power supply over a
wide voltage range. Operation from split power supplies is also
possible. Application areas include transducer amplifier, DC gain
blocks and all the conventional OP amp circuits which now can be
easily implemented in single power supply system.
FEATURES
*Internally frequency compensated for unity gain.
*Large DC voltage gain :100dB.
*Wide operating supply range (Vcc=3V~40V).
*Input common-mode voltage includes ground.
*Large output voltage swing: From 0V to Vcc-1.5V.
*Power drain suitable for battery operation.
TSSOP-14
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen-Free
LM2054L-P14-R
LM2054G-P14-R
TSSOP-14
Tape Reel
LM2054L-P14-T
LM2054G-P14-T
TSSOP-14
Tube


Similar Part No. - LM2054L-P14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
Voltage Regulators
logo
Texas Instruments
LM20502SILR TI1-LM20502SILR Datasheet
1Mb / 37P
2A SIMPLE SWITCHER Nano Module
LM20502SILT TI1-LM20502SILT Datasheet
1Mb / 37P
2A SIMPLE SWITCHER Nano Module
More results

Similar Description - LM2054L-P14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
Quad Operational Amplifiers
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324 Datasheet
111Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2005
LM324 UTC-LM324_11 Datasheet
210Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2011
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324_08 Datasheet
114Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
2008 - Ver. 1.0
logo
Unisonic Technologies
LM324_1111 UTC-LM324_1111 Datasheet
208Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2011
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
Unisonic Technologies
LM324 UTC-LM324_15 Datasheet
247Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2014
LM324 UTC-LM324_17 Datasheet
193Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com