Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH358G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LMH358G-S08-R
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMH358G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LMH358G-S08-R Datasheet HTML 1Page - Unisonic Technologies LMH358G-S08-R Datasheet HTML 2Page - Unisonic Technologies LMH358G-S08-R Datasheet HTML 3Page - Unisonic Technologies LMH358G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LMH358
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R105-048.a
PIN CONFIGURATION
VOUTA
VINA-
VCC
VOUTB
VINB-
VINB+
VINA+
VSS
1
2
3
4
8
7
6
5
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VOUTA
Output of channel A
2
VINA-
Inverting input of channel A
3
VINA+
Non-Inverting input of channel A
4
VSS
Ground
5
VINB+
Non-Inverting input of channel B
6
VINB-
Inverting input of channel B
7
VOUTB
Output of channel B
8
VCC
Supply voltage
BLOCK DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com