Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH358G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LMH358G-S08-R
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMH358G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LMH358G-S08-R Datasheet HTML 1Page - Unisonic Technologies LMH358G-S08-R Datasheet HTML 2Page - Unisonic Technologies LMH358G-S08-R Datasheet HTML 3Page - Unisonic Technologies LMH358G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LMH358
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R105-048.a
LOW POWER DUAL
OPERATIONAL AMPLIFIERS
DESCRIPTION
The UTC LMH358 is low noise, high voltage, and high slew
rate operational amplifier.This circuit consists of two independent,
high
gain,
internally
frequency
compensated
operational
amplifiers.
The input common mode range of the UTC LMH358 can be
beyond the rails. The UTC LMH358 are with rail-to-rails output
voltage swing. The quiescent current is 500µA per amplifier.
The UTC LMH358 also feature fast slewing and settle-times,
as well as high output drive capability of 60mA (source/sink).
These features make these amplifiers ideal for use as
reference buffers for TFT-LCD. Other applications include battery
power, portable devices, and anywhere low power consumption is
important.
FEATURES
* Operates on 4.5V~6V supplies
* Input common voltage range beyond the rails
* Rail-to-Rail output voltage swing
* Low input offset voltage 3mV (Typical)
* High gain-bandwidth product 4MHz
* Low quiescent current: 500µA per amplifier
* Large DC voltage gain 100dB (Typical)
* High slew rate 1.3V/µs
* Unit-Gain stable
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LMH358L-S08-T
LMH358G-S08-T
SOP-8
Tube
LMH358L-S08-R
LMH358G-S08-R
SOP-8
Tape Reel
(1) T: Tube, R: Tape Reel
(2) S08: SOP-8
(3) L: Lead Free, G: Halogen Free
LMH358L-S08-T
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - LMH358G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LMH358G-S08-R UTC-LMH358G-S08-R Datasheet
148Kb / 4P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LMH358G-S08-R UTC-LMH358G-S08-R Datasheet
153Kb / 4P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - LMH358G-S08-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com