Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331G-AL5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LMV331G-AL5-R
Description  SINGLE GENERAL PURPOSE, LOW VOLTAGE, SMALL PACK COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV331G-AL5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LMV331G-AL5-R Datasheet HTML 1Page - Unisonic Technologies LMV331G-AL5-R Datasheet HTML 2Page - Unisonic Technologies LMV331G-AL5-R Datasheet HTML 3Page - Unisonic Technologies LMV331G-AL5-R Datasheet HTML 4Page - Unisonic Technologies LMV331G-AL5-R Datasheet HTML 5Page - Unisonic Technologies LMV331G-AL5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LMV331
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R104-006.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2.7~5.5
V
Differential Input Voltage
VIN(DIFF)
±VCC
V
Voltage on Any Pin (Referred to GND pin)
5.5
V
Soldering Information
Infrared or Convection (20 sec)
235
°C
Junction Temperature (Note 1)
TJ
150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (Note1)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
265
°C/W
2.7V DC ELECTRICAL CHARACTERISTICS
(All limits guaranteed for TJ=25˚C, V+=2.7V, V−=0V, unless otherwise specified. Boldface limits apply at the
temperature extremes.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX
(Note 3)
UNIT
Input Offset Voltage
VOS
1.7
7
mV
Input Offset Voltage Average Drift
TCVOS
5
µV/˚C
Input Bias Current
IB
10
250
nA
Input Offset Current
IOS
5
50
nA
Input Voltage Range
VCM
-0.1
V
2.0
V
Saturation Voltage
VSAT
Isink≤1mA
200
mV
Output Sink Current
IO
VO≤1.5V
5
23
mA
Supply Current
IS
40
100
µA
Output Leakage Current
0.003
1
µA
2.7V AC ELECTRICAL CHARACTERISTICS (TJ=25˚C, V+=2.7V, RL=5.1kΩ, V−=0V.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX
UNIT
Propagation Delay (High to Low)
tPHL
Input Overdrive=10mV
1000
ns
Input Overdrive=100mV
350
ns
Propagation Delay (Low to High)
tPLH
Input Overdrive=10mV
500
ns
Input Overdrive=100mV
400
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com