Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331G-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LMV331G-AL5-R
Description  SINGLE GENERAL PURPOSE, LOW VOLTAGE, SMALL PACK COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV331G-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LMV331G-AL5-R Datasheet HTML 1Page - Unisonic Technologies LMV331G-AL5-R Datasheet HTML 2Page - Unisonic Technologies LMV331G-AL5-R Datasheet HTML 3Page - Unisonic Technologies LMV331G-AL5-R Datasheet HTML 4Page - Unisonic Technologies LMV331G-AL5-R Datasheet HTML 5Page - Unisonic Technologies LMV331G-AL5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LMV331
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R104-006.a
SINGLE GENERAL PURPOSE,
LOW VOLTAGE, SMALL PACK
COMPARATORS
DESCRIPTION
The UTC LMV331 is the single version, which is available in
space saving SOT23-5 packages. The UTC LMV331 is the most
cost-effective solution where space, low voltage, low power and
price are the primary specification in circuit design for portable
consumer products. The UTC LMV331 have bipolar input and
output stages for improved noise performance.
FEATURES
* Low operating voltage 2.7-5V.
* Industrial temperature range (−40˚C~+85˚C)
* Low supply current 60µA
* Input common mode voltage range includes ground
* Low output saturation voltage 0.2V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free Plating
Halogen Free
LMV331L-AE5-R
LMV331G-AE5-R
SOT-23-5
Tape Reel
MARKING


Similar Part No. - LMV331G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LMV331G-AL5-R UTC-LMV331G-AL5-R Datasheet
149Kb / 6P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, SMALL PACK COMPARATORS
More results

Similar Description - LMV331G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
logo
National Semiconductor ...
LMV331 NSC-LMV331_07 Datasheet
504Kb / 20P
General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
MAX9647 MAXIM-MAX9647 Datasheet
2Mb / 11P
General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
Texas Instruments
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
General-Purpose, Low-Voltage, Tiny Pack Comparators
logo
Unisonic Technologies
LMV331 UTC-LMV331_15 Datasheet
149Kb / 6P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, SMALL PACK COMPARATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com