Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54133AL-S16N-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M54133AL-S16N-R
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M54133AL-S16N-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M54133AL-S16N-R Datasheet HTML 1Page - Unisonic Technologies M54133AL-S16N-R Datasheet HTML 2Page - Unisonic Technologies M54133AL-S16N-R Datasheet HTML 3Page - Unisonic Technologies M54133AL-S16N-R Datasheet HTML 4Page - Unisonic Technologies M54133AL-S16N-R Datasheet HTML 5Page - Unisonic Technologies M54133AL-S16N-R Datasheet HTML 6Page - Unisonic Technologies M54133AL-S16N-R Datasheet HTML 7Page - Unisonic Technologies M54133AL-S16N-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M54133A
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R122-009.b
EARTH LEAKAGE CURRENT
DETECTOR
DESCRIPTION
The UTC M54133A is a semiconductor integrated circuit
developed for use in high-speed earth leakage breakers
incorporating functions to protect against voltage surges and
inverter noise.
FEATURES
* Improvement of ability against unwanted tripping by
lightning-surge and lightning impulse.
Two times counting system adopted.
* Improvement of ability against unwanted tripping by
inverter-noise.
Built-in operational amplifier (of low current dissipation) for active
low-pass filter.
Improved high-frequency, high harmonic superposition
performance
* Internal time delay function
* An external capacitor is used to set the delay time.
* High input sensitivity: VT=11.5mVrms Typ.
* Low-current dissipation (at RIREF=180kΩ)
In stand-by condition: IS=610μA Typ.
* High stabilities design
Adopt the circuits that is not affected by fluctuations of supply
voltage/ambient temperature.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
M54133AL-S16-R
M54133AG-S16-R
SOP-16
Tape Reel
M54133AL-S16-T
M54133AG-S16-T
SOP-16
Tube
M54133AL-S16N-R
M54133AG-S16N-R
SOP-16N
Tape Reel
M54133AL-S16N-T
M54133AG-S16N-T
SOP-16N
Tube
M54133AL-S16-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel, T: Tube
(2) S16: SOP-16, S16N: SOP-16N
(3) L: Lead Free, G: Halogen Free
(3)Halogen Free


Similar Part No. - M54133AL-S16N-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M54133AL-S16N-R UTC-M54133AL-S16N-R Datasheet
238Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results

Similar Description - M54133AL-S16N-R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54124L MITSUBISHI-M54124L Datasheet
162Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54133FP MITSUBISHI-M54133FP Datasheet
119Kb / 12P
EARTH LEAKAGE CURRENT DETECTOR
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Unisonic Technologies
M54123L UTC-M54123L_09 Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134 Datasheet
222Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com