Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54134G-S16N-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M54134G-S16N-R
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M54134G-S16N-R Datasheet(HTML) 2 Page - Unisonic Technologies

  M54134G-S16N-R Datasheet HTML 1Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 2Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 3Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 4Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 5Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 6Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M54134
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R122-011. a
MARKING INFORMATION
PACKAGE
MARKING
SOP-16
SOP-16N
PIN CONFIGURATION
1
GND
2
IREF
3
VCC
4
OFFC
5
TRC1
6
TRC2
7
DLYC
8
SCRT
16 VS
15 OPI+
14 C1
13 OPI-
12 C2
11 OPAO
10 ILKI
9
VREF
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Grounding
2
IREF
Pin for connecting resistor that sets constant current for internal circuits; approx. 1.3 V.
3
VCC
Output pin of the internal constant-voltage circuit. Connect decoupling capacitor.
4
OFFC
Leakage input signal does not continue.
Leakage is detected and SCR turn on.
In these cases, this IC will be restored to the initial condition after a predetermined time.
Connect capacitor that determines restore time.
5
TRC1
Pin for connecting capacitor that integrates signal output from discriminator of
leak-signal input level.
6
TRC2
Pin for connecting capacitor to eliminate noise.
7
DLYC
Pin for connecting capacitor that sets delay time in case of using delay function.
8
SCRT
Output pin for driving a SCR.
9
VREF
Pin for providing input reference level of leakage detection. About 2.4V appears.
10
ILKI
Other input pin of leakage detection.
11
OPAO
Output pin of operational amplifier.
12
C2
Pin for connecting capacitor that prevents abnormal oscillations. Connect capacitor
across IC at pins 11 and 12.
13
OPI-
Negative input pins of operational amplifier
14
C1
Pin for connecting capacitor that prevents noise from causing malfunction. Connect
capacitors across IC at pins 13 and 14 and across IC at pins 15 and 14.
15
OPI+
Positive input pins of operational amplifier
16
VS
Power supply



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com