Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54134G-S16N-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M54134G-S16N-R
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M54134G-S16N-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M54134G-S16N-R Datasheet HTML 1Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 2Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 3Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 4Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 5Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 6Page - Unisonic Technologies M54134G-S16N-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
M54134
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R122-011. a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Supply Voltage
VS(MAX)
15
V
Differential Input Voltage
OPI+ to OPI-
VID
-0.8~+0.8
V
Supply Current
IS
4
mA
Differential Input Current
OPI+ to OPI-
llOP
-5~+5
mA
Input Current
VREF to GND
llG
10
mA
Power Dissipation
PD
200
mW
Operating Ambient Temperature
TOPR
-20~+85
°C
Storage Temperature
TSTG
-55~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range
VS
7 ~ 12
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VS=9V, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Supply Circuit
Maximum Supply Voltage
VS(MAX)
IS=4mA
13.9
15
V
VCC-Pin Output Voltage
VCC
IOH=-1mA
5.2
V
Supply Current (In Standby)
IS0
520 610 700
μA
Supply Current (While Detecting Leakage)
IS1
560 650 740
μA
Supply Current (Immediately after Drive a SCR)
IS2
480 570 660
μA
Ambient Temperature Dependence of IS0
TA=-25~+85°C
-0.2
%/°C
Operational Amplifier
Differential Input Clamp Voltage
VIC
IIDC=±4mA
±0.8
V
OPOA-Pin “H” Output Current
IOH
2.8
mA
OPOA-Pin “L” Output Current
IOL
0.8
mA
Input Bias Current
IIC
125
nA
Voltage Gain
GV
f=1kHz
40
dB
Frequency Band Width
BW
-3dB
6
kHz
Maximum Output Voltage
VO
3.5
VPP
Output Offset Voltage
VO(OFF)
0
mV
Leak Detector Circuit
VREF-Pin Output Voltage
VO
IOH=-200μA
2.4
V
VREF-GND Clamp Voltage
VRCL
IRCL=5mA
4.7
V
DC Input Voltage of Leakage Detection
VI(ON)
With respect to VREF
±14.
0
mVd
c
ILKI-Pin Input Bias Current
IIH
VIN=VREF
220
nA
3-ms Circuit
TRC1 threshold voltage
VTH1
2.4
V
Accuracy of TRC1-Pin “H” Output Current
EIOH1
VO=0V, IOH1=-7.6μA
-10
+10
%
Accuracy of TW1 pulse width
ETW1
C=0.01μf, TW1=3ms
-15
+15
%
Ambient Temperature Dependence of TW1
TA=-20~+85°C
0
%/°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com