Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCM102L-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCM102L-AE2-R
Description  HIGH-SIDE CURRENT MONITOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCM102L-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCM102L-AE2-R Datasheet HTML 1Page - Unisonic Technologies UCM102L-AE2-R Datasheet HTML 2Page - Unisonic Technologies UCM102L-AE2-R Datasheet HTML 3Page - Unisonic Technologies UCM102L-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCM102
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-934.a
HIGH-SIDE CURRENT
MONITOR
DESCRIPTION
The UTC UCM102 is a high-side current sense monitor. It uses
UTC’s advanced technology to provide customers with a minimum
operating current, high accuracy and high side voltage, etc.
The UTC UCM102 is suitable for portable battery equipment.
FEATURES
* Low operating current
* High side voltage (2.5~20V)
* High accuracy (typ=1%)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCM102L-AE2-R
UCM102G-AE2-R
SOT-23-3
Tape Reel
UCM102L-AE2-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AE2: SOT-23-3
(3) L: Lead Free, G: Halogen Free
(3)Lead Free
MARKING


Similar Part No. - UCM102L-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCM102L-AE2-R UTC-UCM102L-AE2-R Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
More results

Similar Description - UCM102L-AE2-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_05 Datasheet
851Kb / 8P
HIGH-SIDE CURRENT MONITOR
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
HIGH-SIDE CURRENT MONITOR
logo
Agamem Microelectronic ...
AA1850 AGAMEM-AA1850 Datasheet
157Kb / 6P
HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
logo
Supertex, Inc
HV816K6-G SUTEX-HV816K6-G Datasheet
404Kb / 5P
High Side Current Monitor
logo
Unisonic Technologies
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848 IXYS-IXI848 Datasheet
235Kb / 5P
High-Side Current Monitor
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com