Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # DF06
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

DF06 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  DF06 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech DF06 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
DF005 THRU DF10
CHENYI ELECTRONICS
SINGLE PHASE GLASS
PASSIVATED BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:1.0A
FEATURES
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique
Surge overload rating: 50A peak
MECHANICAL DATA
. Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
. Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
. Polarity: Polarity symbol marked on body
. Mounting position: any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
DF005
DF01
DF02
DF04
DF06
DF08
DF10
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
v
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
v
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
v
Maximum Average Forward Rectified
current at Ta=40
If(av)
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
A
Maximum Instantaneous Forward Voltage at
forward current 1.0A
Vf
V
Maximum DC Reverse Voltage Ta=25
A
at rated DC blocking voltage
Ta=125
Ir
A
Typical Junction Capacitance
Cj
pF
Operating Temperature Range
Tj
Storage and operation Junction Temperature
Tstg
Note:
1. Measure at 1MHZ and applied reverse voltage of 4.0 volt
500
25
-55 to +125
-55 to +150
1
50
1.1
10.0
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - DF06

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF06 WTE-DF06 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF06 SSE-DF06 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF06 GOOD-ARK-DF06 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF06 WTE-DF06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
First Components Intern...
DF06 FCI-DF06 Datasheet
123Kb / 2P
1.0 Amp Surface Mount SINGLE PHASE SILICON BRIDGE
More results

Similar Description - DF06

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com