Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # DF06
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

DF06 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  DF06 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech DF06 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CE
DF005 THRU DF10
CHENYI ELECTRONICS
SINGLE PHASE GLASS
PASSIVATED BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:1.0A
RATINGS AND CHARACTERISTIC CURVES DF005 THRU DF10
FIG.1-MAXIMUM NON-REPETITIVE FORWARD
FIG.2-TYPICAL FORWARD CURRENT
SURGE CURRENT
DERATING CURVE
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com