Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCAM-II Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # UCAM-II
Description  Serial Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UCAM-II Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button UCAM-II Datasheet HTML 14Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 15Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 16Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 17Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 18Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 19Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 20Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 21Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
4D SYSTEMS
µCAM
© 2014 4D SYSTEMS
Page 21 of 22
www.4dsystems.com.au
12. Specifications and Ratings
RECOMMENDED OPERATING CONDITIONS
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
4.5
5.0
9.0
V
Input Voltage Range
RX pin, 3.3V but 5V tolerant
--
3.3
5.0
V
‘Shutter’ delay.
Time after getpic starts to
be sent before image
begins.
--
150
200
ms
Operating Ambient Temperature
-30
--
+85
°C
Storage Temperature
RH 95% max.
-40
--
+105
°C
GLOBAL CHARACTERISTICS BASED ON OPERATING CONDITIONS
Parameter
Conditions
Min
Typ
Max
Units
Supply Current (ICC)
VCC = 5.0V
--
75
90
mA
Sleep / Standby
--
2
--
mA
Output Voltage Range
TX pin
2.4
3.3
--
V
OPTICAL CHARACTERISTICS
Item
Parameter
Image Sensor
1/4” CMOS, 300K pixels
Pixel Size
5.55um x 5.55um
Effective Pixel Array
656 x 496
SNR
44.2dB @ 60 degree
Dynamic Range
51dB @ 60degree
White Balance
Automatic
Exposure
Automatic, self-regulating, 1/50(1/60) – 1/100,000(sec)
Lens viewing angle(3 options)
56 degrees, 76 degrees, 116 degrees
Focal Length
3.1mm
F/No.
2.6
Lens Construction
2P2G
Distortion
-2.1%
Dark Signal
25.2mV/sec
Sensitivity
2.93V/Lux.sec
ORDERING INFORMATION
Order Code:
uCAM-II (Shipped with 56 degree angle lens)
Package: 100mm x 150mm, Bubble wrapped in antistatic bag.
Note: 76 degree and 176 degree lenses are provided additional on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com