Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCAM-II Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UCAM-II
Description  Serial Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UCAM-II Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UCAM-II Datasheet HTML 1Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 2Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 3Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 4Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 5Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 6Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 7Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 8Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4D SYSTEMS
µCAM-II
© 2014 4D SYSTEMS
Page 4 of 22
www.4dsystems.com.au
1. Description
The uCAM-II (microCAM-II) is a highly integrated
serial camera module which can be attached to any
host system that requires a video camera or a JPEG
compressed still camera for embedded imaging
applications.
The module uses a CMOS VGA colour sensor along
with a JPEG compression chip that provides a low
cost and low powered camera system. The module
has an on-board serial interface (TTL) that is
suitable for a direct connection to any host micro-
controller UART or a PC system COM port.
The uCAM-II is capable of outputting both RAW
format and JPEG format images.
User commands are sent using a simple serial
protocol that can instruct the camera to send low
resolution (80x60 to 160x120) single frame raw
images for viewing or high resolution (160x128 to
640x480) JPEG images for storage or viewing.
The uCAM-II comes in a compact form factor with a
built in lens and a 5-wire connector that provides
easy access to both power and serial data.
There are 3 lenses available for this camera from 4D
Systems. A 56 degree (Standard), a 76 degree, and
a 116 degree. These are available to purchase from
4D Systems separately if required. The uCAM-II
ships with the 56 degree lens installed.
There is a locking nut on the barrel thread of the
lens, which is used to lock the focus in place once
set, to prevent it from inadvertently being changed.
2. Features
 Small size, low cost and low powered camera
module for embedded imaging applications.
 uCAM-II: 5V DC Supply nominal
 On-board EEPROM provides a command-based
interface to external host via TTL serial link.
 UART: up to 3.68Mbps for transferring JPEG still
pictures or raw images.
 On board VGA colour sensor and RAW / JPEG
CODEC for different resolutions.
 Built-in
down
sampling,
clamping
and
windowing circuits for VGA, QVGA or 160x120
image resolutions.
 Built-in colour conversion circuits for 16-bit
CrYCbY, 8-bit gray, 16-bit RGB or standard JPEG
images.
 No external DRAM required.
 Additions lenses available
 Locking nut for locking focus in place
 Weight ~6g.
 Dimensions: 32mm x 32mm x 21mm (without
lens, including header)
 RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com