Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALFSWD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ALFSWD
Description  PANELITE Enclosure Lights Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALFSWD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ALFSWD Datasheet HTML 1Page - List of Unclassifed Manufacturers ALFSWD Datasheet HTML 2Page - List of Unclassifed Manufacturers ALFSWD Datasheet HTML 3Page - List of Unclassifed Manufacturers ALFSWD Datasheet HTML 4Page - List of Unclassifed Manufacturers ALFSWD Datasheet HTML 5Page - List of Unclassifed Manufacturers ALFSWD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Spec-00581 H
ElEctrical accEssoriEs Lighting Packages
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
accEssoriEs
2
PaNElitE™ lED ENclosurE light
24 VDC operation for superior
lighting performance with
minimal power consumption
140-degree cone angle casts a
broad covering of neutral light
Center section rotates 120
degrees to re-direct light where
needed
Long life; 70 percent of initial
luminance at 50,000 hours (at 25
C)
High power LED emitters produce
470 Lumens for superior lighting
performance; provides up to 50
percent more usable light than
comparable length fluorescent
lights
Can be wired using optional
PANELITE Cable Accessories or
can be hard-wired with terminal
blocks included in hardware kit
Up to five lights can be daisy-
chained together using hard-
wired connection to power supply
or catalog number LPC72 power
cable with leads
Bulletin: A80lt
Catalog Number
Description
VDC
Amps
W
in./mm
X
in./mm
LED24V15
LED Light, 15 in.
24
.5
15.00
381
8.00
203
PaNElitE™ FluorEscENt ENclosurE light
120 VAC, 50/60 Hz operation
Can be wired using optional
PANELITE™ Cable Accessories
or can be hard-wired with
terminal blocks included in
hardware kit
Available in 15-, 18- and 28-in.
lengths with ability to daisy chain
up to five lights together using
one power supply
Fluorescent bulb not included
Bulletin: A80lt
Catalog Number
Description
VAC
Hz
Amps
W
in./mm
X
in./mm
Bulb
(purchase
separately)
Replacement
Lens Cover
LF120V15
Fluorescent Light, 15 in.
120
50/60
.13
14.50
368
9.63
245
F6T5
LFL15
LF120V18
Fluorescent Light, 18 in.
120
50/60
.13
17.50
445
12.63
321
F8T5
LFL18
LF120V28
Fluorescent Light, 28 in.
120
50/60
.26
27.75
705
22.88
581
F14T5
LFL28



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com