Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALFSWD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ALFSWD
Description  PANELITE Enclosure Lights Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALFSWD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ALFSWD Datasheet HTML 1Page - List of Unclassifed Manufacturers ALFSWD Datasheet HTML 2Page - List of Unclassifed Manufacturers ALFSWD Datasheet HTML 3Page - List of Unclassifed Manufacturers ALFSWD Datasheet HTML 4Page - List of Unclassifed Manufacturers ALFSWD Datasheet HTML 5Page - List of Unclassifed Manufacturers ALFSWD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Spec-00581 H
ElEctrical accEssoriEs Lighting Packages
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
accEssoriEs
3
PaNElitE™ PowEr corDs
Connects light to standard North
American wall socket
LF120VCORD is for 120 VAC
Fluorescent lights (up to five
lights can be daisy chained
together using one power cord)
LED24VCORD is for 24 VDC LED
lights and includes a transformer
to convert 100-240 VAC power
supply (capable of powering only
one LED light)
Plugs directly into a connection
socket on switch end of the light
Includes one cable
Power cord not required. Terminal
blocks are provided with each light for
wired connection to electric supply.
Bulletin: A80lt
Catalog Number
Description
Length
LF120VCORD
Fluorescent Light Power Cord
72 in.
LED24VCORD
LED Light Power Cord
60 in.
PaNElitE™ PowEr cablE with lEaDs
72-in. power cord provides
convenient connection to an
electrical supply
Eliminates need to run and tag
individual wires into the light
Compatible with PANELITE™
LED and Fluorescent lights
Plugs directly into connection
socket on switch end of the light
Includes one 16 AWG cable, black
Power Cable not required. Terminal
blocks are provided with each light for
wired connection to electric supply.
Bulletin: A80lt
Catalog Number
Length
LPC72
72 in.
PaNElitE™ gaNgiNg cablEs
Ganging Cables provide
convenient method for joining
up to five lights together while
utilizing one power supply
Available in 24-, 48- and 72-in.
lengths
Plugs directly into connection
socket on either end of the light
Compatible with PANELITE™
LED and Fluorescent lights
Includes one 16 AWG cable, black
Ganging Cables not required. Terminal
blocks are provided with each light for
hard-wired connections.
Bulletin: A80lt
Catalog Number
Length
LGCABLE24
24 in.
LGCABLE48
48 in.
LGCABLE72
72 in.
PaNElitE™ Door switch cablE
Easily connects PANELITE™ LED
or Fluorescent Light to a Remote
Door Switch
T-connector allows the Door
Switch Cable to be connected with
a ganging cable or power supply
to the switch end of the light
Available in 18- and 72-in. lengths
Includes one 18 AWG cable, black
Door Switch Cables not required.
Terminal blocks are provided with
each light for hard-wired connection to
remote door switch.
Bulletin: A80lt
Catalog Number
Length
LDSWITCH18
18 in.
LDSWITCH72
72 in.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com