Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDA2M35 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LEDA2M35
Description  PANELITE Enclosure Lights Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEDA2M35 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LEDA2M35 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDA2M35 Datasheet HTML 2Page - List of Unclassifed Manufacturers LEDA2M35 Datasheet HTML 3Page - List of Unclassifed Manufacturers LEDA2M35 Datasheet HTML 4Page - List of Unclassifed Manufacturers LEDA2M35 Datasheet HTML 5Page - List of Unclassifed Manufacturers LEDA2M35 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Spec-00581 H
ElEctrical accEssoriEs Lighting Packages
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
accEssoriEs
4
PaNElitE™ wiriNg oPtioNs
See the table on the drawing for cable clearance dimensions.
89046495
230 vac FluorEscENt ENclosurE light
•
230 VAC, 50/60 Hz operation with
electronic ballast
•
Compact light-gray plastic
housing, UL 94V-0
•
Easy access to wiring terminals,
integral strain relief, 16 AWG max.
•
Versatile mounting to many
enclosure types
•
Complete assembly, long-life
fluorescent bulb included,
Luminosity 900 LM
•
Switch and Door motion sensor
offering
Bulletin: A80lt
Catalog Number
AxBxC in./mm
Description
LF230VM
1.57 x 13.58 x 3.58
40 x 345 x 91
Light Kit, 230VAC, Manual switch
LF230VD
1.57 x 13.58 x 3.58
40 x 345 x 91
Light Kit, 230VAC, IR Motion Sensor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com