Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDA2M35 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LEDA2M35
Description  PANELITE Enclosure Lights Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEDA2M35 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LEDA2M35 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDA2M35 Datasheet HTML 2Page - List of Unclassifed Manufacturers LEDA2M35 Datasheet HTML 3Page - List of Unclassifed Manufacturers LEDA2M35 Datasheet HTML 4Page - List of Unclassifed Manufacturers LEDA2M35 Datasheet HTML 5Page - List of Unclassifed Manufacturers LEDA2M35 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Spec-00581 H
ElEctrical accEssoriEs Lighting Packages
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
accEssoriEs
5
lED light Kit
LED light kits provide interior enclosure lighting. These light kits
are ideal for remote and darkened enclosure applications. The light
can be mechanically fastened with included hardware to maintain
enclosure UL listing (up to Type 4X), or can be magnetically attached
to flat steel surfaces. The lights have auto-sensing circuitry (AC
voltage 90 VAC to 260 VAC and DC voltage 20 VDC to 60 VDC). LED
lights are light-weight and in a small form factor while providing
900 LM of 6500K light. Power consumption for all models is 5 watts.
Bulletin: A80lt
Catalog Number
AxBxC in./mm
Weight (oz)
Weight (gm)
Mounting
Style
Power Source
Activation
Voltage
LEDA1M35
1.34 x 1.26 x 13.82
34 x 32 x 351
4.8
135
Magnetic
AC
On/off switch
90 VAC-260 VAC
LEDA2M35
1.54 x 1.26 x 13.82
39 x 32 x 351
5.0
140
Magnetic
AC
IR Motion Sensor
90 VAC-260 VAC
LEDA1S35
1.42 x 2.05 x 13.82
36 x 52 x 351
4.8
135
Screw
AC
On/off switch
90 VAC-260 VAC
LEDA2S35
1.63 x 2.05 x 13.82
41 x 52 x 351
5.0
140
Screw
AC
IR Motion Sensor
90 VAC-260 VAC
LEDD1M35
1.34 x 1.26 x 13.82
34 x 32 x 351
4.8
135
Magnetic
DC
On/off switch
20 VDC-60 VDC
LEDD2M35
1.54 x 1.26 x 13.82
39 x 32 x 351
5.0
140
Magnetic
DC
IR Motion Sensor
20 VDC-60 VDC
LEDD1S35
1.42 x 2.05 x 13.82
36 x 52 x 351
4.8
135
Screw
DC
On/off switch
20 VDC-60 VDC
LEDD2S35
1.63 x 2.05 x 13.82
41 x 52 x 351
5.0
140
Screw
DC
IR Motion Sensor
20 VDC-60 VDC
lED light iNPut coNNEctor/cablE assEmblY
The input connector/cable assembly is used to provide supply power
to the LED light. Pre-assembled connector/cable assembly with
78.7-in. (2000 mm) long cable whip. Cables are constructed of 16
AWG copper wire.
Bulletin: A80lt
Catalog Number
A in./mm
Power Source
Use with
LEDA20C
78.74
2000
AC
AC LED Lights
LEDD20C
78.74
2000
DC
DC LED Lights
lED light ExtENsioN coNNEctor/cablE assEmblY The extension connector/cable assembly is used to connect
adjacent LED lights (daisy chain). Up to 10 LED lights can be ganged
or connected in series. Pre-assembled connector/cable assembly
with 39.4-in. (1000 mm) long cable between input and output
connectors. Cables are constructed of 16 AWG copper wire.
Bulletin: A80lt
Catalog Number
A in./mm
Power Source
Use with
LEDA10E
39.37
1000
AC
AC LED Lights
LEDD10E
39.37
1000
DC
DC LED Lights



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com