Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1502 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # KBPC1502
Description  SINGLE PHASE SILICON SINGLE PHASE SILICON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

KBPC1502 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  KBPC1502 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech KBPC1502 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
KBPC15005 THRU KBPC1510
CHENYI ELECTRONICS
SINGLE PHASE SILICON
BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:15A
FEATURES
Surge overload rating: 300A peak
High case dielectric strength
1/4" Universal faston terminal
and
40ml lead--wire available
MECHANICAL DATA
. Polarity: Polarity symbol marked on body
. Mounting : Hole thru for #8 screw
. Case: metal or plastic
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
KBPC
15005
KBPC
1501
KBPC
1502
KBPC
1504
KBPC
1506
KBPC
1508
KBPC
1510
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
v
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
v
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
v
Maximum Average Forward Rectified
A
current 3/8" lead length at Ta=25
If(av)
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
A
Maximum Instantaneous Forward Voltage at
forward current 7.5A DC
Vf
V
Maximum DC Reverse Voltage Ta=25
A
at rated DC blocking voltage Ta=100
Ir
A
Operating Temperature Range
Tj
Storage and operation Junction Temperature
Tstg
Note: Suffix "W" for wire type
15
300
1.1
10.0
500
-55 to +150
-55 to +150
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - KBPC1502

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1502 WTE-KBPC1502 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC1502 SEMTECH-KBPC1502 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC1502 SSE-KBPC1502 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC1502 DCCOM-KBPC1502 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC1502 DCCOM-KBPC1502 Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC1502

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP1000 TRSYS-CP1000 Datasheet
114Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
GOOD-ARK Electronics
BR60 GOOD-ARK-BR60 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBP005 GOOD-ARK-KBP005 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS401L GOOD-ARK-RS401L Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
W005 GOOD-ARK-W005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
2W005 CHENG-YI-2W005 Datasheet
120Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 CHENG-YI-BR305 Datasheet
280Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBPC604 LUGUANG-KBPC604 Datasheet
75Kb / 1P
SINGLE PHASE SILICON
logo
GeneSiC Semiconductor, ...
KBU8J GENESIC-KBU8J Datasheet
300Kb / 3P
Single Phase Silicon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com