Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SST11LP12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SST11LP12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 4Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 5Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 6Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 7Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 8Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
3
©2010 Silicon Storage Technology, Inc.
S71278-04-000
12/10
PIN ASSIGNMENTS
FIGURE 2: Pin Assignments for 16-contact WQFN
PIN DESCRIPTIONS
TABLE 1: Pin Description
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
The center pad should be connected to RF ground
with several low inductance, low resistance vias.
NC
1
No Connection
Unconnected pin
RFIN
2
I
RF input, DC decoupled
RFIN
3
I
RF input, DC decoupled
VCCb
4
Power Supply
PWR
Supply voltage for bias circuit
NC
5
No Connection
Unconnected pin
VREF
6
PWR
Current Control
VREF
7
PWR
Current Control
Det_ref
8
O
On-chip power detector reference
Det
9
O
On-chip power detector
RFOUT
10
O
RF output
RFOUT
11
O
RF output
NC
12
No Connection
Unconnected pin
NC
13
No Connection
Unconnected pin
VCC3
14
Power Supply
PWR
Power supply, 3rd stage
VCC2
15
Power Supply
PWR
Power supply, 2nd stage
VCC1
16
Power Supply
PWR
Power supply, 1st stage
T1.1 1278
56
8
16
15
14
9
11
12
10
13
NC
RFOUT
RFOUT
Det
2
1
4
3
NC
RFIN
RFIN
VCCb
7
1278 16-wqfn P1.0
Top View
(contacts facing down)
RF and DC GND
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com