Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SST11LP12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SST11LP12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 4Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 5Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 6Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 7Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 8Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2010 Silicon Storage Technology, Inc.
S71278-04-000
12/10
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
•
High gain
•
High linear output power:
– Meets 802.11a OFDM Spectrum Mask require-
ment up to 24 dBm over the entire band
– Added EVM <4% up to 21 dBm for
54 Mbps 802.11a signal
•
High power-added efficiency/Low operating
current for 6 Mbps 802.11a applications
– ~17% @ POUT = 23 dBm for 6 Mbps
•
Built-in Ultra-low IREF power-up/down control
–IREF <3 mA
•
Low idle current
– ~150 mA ICQ
•
High speed power up/down
– Turn on/off time (10%~90%) <100 ns
– Typical power-up/down delay with driver delay
included <200 ns
•
High temperature stability
•
Low shut-down current (~2 µA)
•
On-chip power detection
•
20 dB dynamic range on-chip power detection
•
Simple input/output matching
•
Packages available
– 16-contact WQFN (3mm x 3mm)
– Non-Pb (lead-free) packages available
APPLICATIONS:
•
WLAN (IEEE 802.11a)
•
Japan WLAN
•
HyperLAN2
•
Multimedia
PRODUCT DESCRIPTION
The SST11LP12 is a high-power, high-gain power amplifier
based on the highly-reliable InGaP/GaAs HBT technology.
The SST11LP12 can be easily configured for high-power,
high-efficiency applications with superb power-added effi-
ciency while operating over the entire 802.11a frequency
band for U.S., European, and Japanese markets (4.9-5.8
GHz).
The SST11LP12 has excellent linearity, typically <4%
added EVM at 21 dBm output power which is essential for
54 Mbps 802.11a operation while meeting 802.11a spec-
trum mask at 24 dBm. SST11LP12 also has wide-range
(>20 dB), temperature-stable (~1 dB over 85°C), single-
ended/differential power detectors which lower users’ cost
on power control.
The power amplifier IC also features easy board-level
usage along with high-speed power-up/down control. Ultra-
low reference current (total IREF <3 mA) makes the
SST11LP12 controllable by an on/off switching signal
directly from the baseband chip. These features coupled
with low operating current make the SST11LP12 ideal for
the final stage power amplification in battery-powered
802.11a WLAN transmitter and access point applications.
The SST11LP12 is offered in 16-contact WQFN package.
See Figure 2 for pin assignments and Table 1 for pin
descriptions.
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
SST1LP124.9-5.8 GHz High-Linearity Power Amplifier


Similar Part No. - SST11LP12

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12 SST-SST11LP12 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12-QCF SST-SST11LP12-QCF Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12-QCF-K SST-SST11LP12-QCF-K Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
More results

Similar Description - SST11LP12

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11LP11 SST-SST11LP11 Datasheet
482Kb / 14P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
4.9-5.9 GHz High-Linearity Power Amplifier
08/13
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com