Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC14G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC14G-P14-R
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC14G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC14G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC14G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC14G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC14G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC14G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC14
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-386.B
HEX SCHMITT-TRIGGER
INVERTERS
DESCRIPTION
The U74AHC14 is hex Schmitt-trigger inverters and each inverter
provides the function Y= A .
FEATURES
* Operation Voltage Range: 2V~5.5V
* Max tpd of 8.6ns at 5 V(CL=15pF)
* High Noise Immunity
* Low Power Dissipation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC14L-S14-T
U74AHC14G-S14-T
SOP-14
Tube
U74AHC14L-S14-R
U74AHC14G-S14-R
SOP-14
Tape Reel
U74AHC14L-P14-T
U74AHC14G-P14-T
TSSOP-14
Tube
U74AHC14L-P14-R
U74AHC14G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - U74AHC14G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC14G-P14-R UTC-U74AHC14G-P14-R Datasheet
182Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - U74AHC14G-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
Hex Schmitt-trigger Inverters
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
Hex Schmitt-trigger Inverters
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com