Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC373G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC373G-P20-R
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC373G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC373G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74AHC373G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74AHC373G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74AHC373G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74AHC373G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74AHC373G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC373
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-669.B
OCTAL TRANSPARENT
D-TYPE LATCHES WITH
3-STATE OUTPUTS
DESCRIPTION
The U74AHC373 is an octal transparent D-type latch with
3-state outputs, and it has 8 channels.
When the OE input is low and the LE input is high, the Q
outputs follow the D inputs. When OE is low and LE is low, the
Q outputs are latched at the logic levels of the D inputs.
When the OE input is high, the outputs are in the
high-impedance. The OE does not affect the internal operations
of the latches. Old data can be retained or new data can be
entered while the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* Operate from 2V to 5.5V
* Inputs Accept Voltages to 5.5V
* Max tPD of 13.5ns at VCC=3.3V, CL=15pF
* Typ VOL< 0.36V at VCC=3V, IOL=4mA, TA=25°C
* Typ VOH> 2.58V at VCC=3V, IOH=-4mA, TA=25°C
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC373L-P20-R
U74AHC373G-P20-R
TSSOP-20
Tape Reel
U74AHC373L-R20-R
U74AHC373G-R20-R
SSOP-20
Tape Reel
MARKING INFORMATION
PACKAGE
MARKING
TSSOP-20
SSOP-20


Similar Part No. - U74AHC373G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC373G-P20-R UTC-U74AHC373G-P20-R Datasheet
256Kb / 8P
OCTAL D-TYPE FLIP-FLOPS WITH DATA ENABLE POSITIVE-EDGE TRIGGER
U74AHC373G-P20-R UTC-U74AHC373G-P20-R Datasheet
284Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - U74AHC373G-P20-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com