Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ70XP Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 9Page - STMicroelectronics L99DZ70XP Datasheet HTML 10Page - STMicroelectronics L99DZ70XP Datasheet HTML 11Page - STMicroelectronics L99DZ70XP Datasheet HTML 12Page - STMicroelectronics L99DZ70XP Datasheet HTML 13Page - STMicroelectronics L99DZ70XP Datasheet HTML 14Page - STMicroelectronics L99DZ70XP Datasheet HTML 15Page - STMicroelectronics L99DZ70XP Datasheet HTML 16Page - STMicroelectronics L99DZ70XP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
L99DZ70XP
Electrical specifications
Doc ID 15162 Rev 4
13/47
2.4.1
Outputs OUT1 - OUT11, ECV
9.4
ICM acc
Current monitor
accuracy
accICMOUT1,4,5,6,
11and 7, 8
(low on-res.)
VCM <=
3.8V,
VCC = 5V
IOut,min= 500mA
IOut4,5,11max= 5.9A
IOut1,6 max= 2.9A
IOut7,8 max= 1.3A
4% +
1%FS(1)
8% +
2%FS(1)
9.5
accICMOUT2,3,9,10,
and 7, 8
(high on-res.)
IOut,min= 100 mA
IOut2,3 max= 0.6 A
IOut9,10max= 0.4 A
IOut8 max= 0.3 A
1.
FS (full scale)= IOUTmax * ICM,r .
Table 10.
Charge pump output CP
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max
Unit
10.1
VCP
Charge pump output
voltage
VS = 8V, ICP = -60µA
VS+6
VS+13
V
10.2
VS = 10V, ICP = -80µA
VS+8
VS+13
V
10.3
VS >=12V, ICP = -100µA VS+10
VS+13
V
10.4
ICP
Charge pump output
current
VCP = VS+10V,
VS =13.5V
95
150
300
µA
Table 9.
Current monitor output CM / PWM 2 (continued)
Item Symbol
Parameter
Test condition
Min.
Typ.
Max
Unit
Table 11.
On-resistance and switching times
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
11.1
rON OUT1,
rON OUT6
On-resistance to
supply or GND
VS =13.5V,
Tj =25°C,
IOUT1,6 =± 1.5A
300
400
m
Ω
11.2
VS =13.5V,
Tj = 125 °C,
IOUT1,6 =± 1.5A
450
600
m
Ω
11.3
rON OUT2,
rON OUT3
On-resistance to
supply or GND
VS =13.5V,
Tj =25°C,
IOUT2,3 = ± 0.4A
1600
2200
m
Ω
11.4
VS =13.5V,
Tj = 125 °C,
IOUT2,3 =± 0.4A
2500
3400
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com