Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ70XP Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 36Page - STMicroelectronics L99DZ70XP Datasheet HTML 37Page - STMicroelectronics L99DZ70XP Datasheet HTML 38Page - STMicroelectronics L99DZ70XP Datasheet HTML 39Page - STMicroelectronics L99DZ70XP Datasheet HTML 40Page - STMicroelectronics L99DZ70XP Datasheet HTML 41Page - STMicroelectronics L99DZ70XP Datasheet HTML 42Page - STMicroelectronics L99DZ70XP Datasheet HTML 43Page - STMicroelectronics L99DZ70XP Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
SPI - control and status registers
L99DZ70XP
40/47
Doc ID 15162 Rev 4
5.7
Status register 2
Table 31.
Status register 2 (read)
Bit
Name
Comment
15
OUT7 – OC
In case of an over-current event the corresponding status bit OC is set and
the output driver is disabled. If the over-current recovery enable bit is set
the output will be automatically reactivated after a delay time resulting in a
PWM modulated current with a programmable duty cycle.
If the over-current recovery bit is not set the micro controller has to clear the
over-current bit to reactivate the output driver.
The open load detection monitors the load current in each activated output
stage. If the load current is below the under-current detection threshold for
at least 1 ms (tdOL) the corresponding under-current bit UC is set. Due to
mechanical/electrical inertia of typical loads a short activation of the outputs
(e.g. 3ms) can be used to test the open load status without changing the
mechanical/electrical state of the loads.
14
OUT7 – UC
13
OUT8 – OC
12
OUT8 – UC
11
OUT9 – OC
10
OUT9 – UC
9
OUT10 – OC
8
OUT10 – UC
7OUT11 – OC
6
OUT11 – UC
5ECV – OC
4
ECV – UC
3
VS
under-voltage
In case of an over-voltage or under-voltage event the corresponding bit is
set and the outputs are deactivated. If VS voltage recovers to normal
operating conditions outputs are reactivated automatically (if bit 4 of control
register 3 is not set).
2
VS
over-voltage
1
ECV voltage not
reached
Two comparators monitor the voltage at pin ECV in electrocrome mode. If
this voltage is below / above the programmed target these bits signal the
difference after at least 32 µs. The bits are not latched and may toggle after
at least 32 µs, if the ECV voltage has not yet reached the target. They are
not assigned to the Global Error Flag.
0
ECV voltage
too high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com