Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10QML Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM10QML
Description  LM10QML Operational Amplifier and Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10QML Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM10QML Datasheet HTML 1Page - National Semiconductor (TI) LM10QML Datasheet HTML 2Page - National Semiconductor (TI) LM10QML Datasheet HTML 3Page - National Semiconductor (TI) LM10QML Datasheet HTML 4Page - National Semiconductor (TI) LM10QML Datasheet HTML 5Page - National Semiconductor (TI) LM10QML Datasheet HTML 6Page - National Semiconductor (TI) LM10QML Datasheet HTML 7Page - National Semiconductor (TI) LM10QML Datasheet HTML 8Page - National Semiconductor (TI) LM10QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM10QML
SNOSAP1A – OCTOBER 2010 – REVISED MARCH 2013
www.ti.com
LM10H Electrical Characteristics DC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
At room temperature 1.2V
≤ VS ≤ 45V, VS
-≤ V
CM ≤ V± 0.85V.
DC:
At temperature extremes 1.3V
≤ VS ≤ 45V, VS
-≤ V
CM ≤ V± 1.0V.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
-2.0
2.0
mV
1
IO = 0mA
-3.0
3.0
mV
2, 3
VS = 1.2V, IO = ±2mA
-3.0
3.0
mV
1
VIO
Input Offset Voltage
VS = 1.3V, IO = ±2mA
-4.0
4.0
mV
2, 3
VS = 4V, IO = ±20mA
-3.0
3.0
mV
1
VS = 4V, IO = ±15mA
-4.0
4.0
mV
2, 3
-0.7
0.7
nA
1
IIO
Input Offset Current
-1.5
1.5
nA
2, 3
20
nA
1
IIB
Input Bias Current
30
nA
2, 3
93
dB
1
CMRR
Common Mode Rejection
VS = 45V, -20V ≤ VCM ≤ 24.2V
87
dB
2, 3
VS
+ = 0.85V,
90
dB
1
-0.35V
≥ VS
-≥ -44.2V
VS
+ = 1V,
84
dB
2, 3
-0.3V
≥ VS
-≥ -44.2V
PSRR
Supply Voltage Rejection
0.85V
≤ VS
+ ≤ 44.6V,
96
dB
1
VS
-= -0.35V
1V
≤ VS
+ ≤ 44.6V,
90
dB
2, 3
VS
-= -0.3V
VRLine
91
dB
1
Line Regulation
IRef = 1mA
85
dB
2, 3
VS = 1.2V, 0 ≤ IO ≤ 1mA
60
dB
1
VRLoad
Load Regulation
VS = 1.3V, 0 ≤ IO ≤ 1mA
57
dB
2, 3
400
µA
1
IS
Supply Current
500
µA
2, 3
VS = ±20V, IO = 0A,
120
K
4
VO = ± 19.95V
80
K
5, 6
VS = ±2V, IO = ±20mA,
5.0
K
4
VO = ±1.4V
VS = ±2V, IO = ±15mA,
1.5
K
5, 6
VO = ±1.4V
AV
Large Signal Voltage Gain
VS
+ = 0.85V, V
CM = -0.25V
1.5
K
4
VS
-= -0.35V, I
O = ±2mA,
-0.15V
≤ VO ≤ 0.65V,
VS
+ = 1V, V
CM = -0.35V
0.5
K
5, 6
VS
-= -0.3V, I
O = ±2mA,
+0.05V
≤ VO ≤ 0.65V,
1.1V
≤ VOUT ≤ 6.1V,
See (1)
14
K
4
-5mA
≤ IOUT ≤ -0.1mA
1.2V
≤ VOUT ≤ 6.2V,
See (1)
6.0
K
5, 6
-5mA
≤ IOUT ≤ -0.1mA
AVSH
Shunt Gain
1.4V
≤ VOUT ≤ 6.4V,
See (1)
8.0
K
4
-5mA
≤ IOUT ≤ -0.1mA
1.4V
≤ VOUT ≤ 6.4V,
See (1)
4.0
K
5, 6
-20mA
≤ IOUT ≤ -0.1mA
(1)
This defines operation in floating applications such as the bootstrapped regulator or two-wire transmitter. Output is connected to the VS
+
terminal of the IC and input common mode is referred to VS
-(see Typical Applications -). Effect of larger output-voltage swings with
higher load resistance can be accounted for by adding the positive-supply rejection error.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM10QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com