Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10QML Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM10QML
Description  LM10QML Operational Amplifier and Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10QML Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM10QML Datasheet HTML 1Page - National Semiconductor (TI) LM10QML Datasheet HTML 2Page - National Semiconductor (TI) LM10QML Datasheet HTML 3Page - National Semiconductor (TI) LM10QML Datasheet HTML 4Page - National Semiconductor (TI) LM10QML Datasheet HTML 5Page - National Semiconductor (TI) LM10QML Datasheet HTML 6Page - National Semiconductor (TI) LM10QML Datasheet HTML 7Page - National Semiconductor (TI) LM10QML Datasheet HTML 8Page - National Semiconductor (TI) LM10QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM10QML
www.ti.com
SNOSAP1A – OCTOBER 2010 – REVISED MARCH 2013
LM10H Electrical Characteristics DC Parameters (continued)
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
At room temperature 1.2V
≤ VS ≤ 45V, VS
-≤ V
CM ≤ V± 0.85V.
DC:
At temperature extremes 1.3V
≤ VS ≤ 45V, VS
-≤ V
CM ≤ V± 1.0V.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
0.2V
≤ VRef ≤ 35V, IRef = 1mA
50
K
AV
Amplifier Gain
23
K
0.2V
≤ VRef ≤ 35V,
195
205
mV
VSense
Feedback Sense Voltage
0
≤ IRef ≤ 1 mA
194
206
mV
50
nA
ISense
Feedback Current
65
nA
0.5V
≤ VO ≤ 25V
-75
75
µA
ΔIS
Supply Current Change
VS = 5V, 4.5V ≤ VO ≤ 5V
-60
60
µA
See (2)
250
K
Ω
RI
Input Resistance
See (2)
150
K
Ω
(2)
Specified parameter, not tested,
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM10QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com