Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324AM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM324AM
Description  LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324AM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM324AM Datasheet HTML 1Page - National Semiconductor (TI) LM324AM Datasheet HTML 2Page - National Semiconductor (TI) LM324AM Datasheet HTML 3Page - National Semiconductor (TI) LM324AM Datasheet HTML 4Page - National Semiconductor (TI) LM324AM Datasheet HTML 5Page - National Semiconductor (TI) LM324AM Datasheet HTML 6Page - National Semiconductor (TI) LM324AM Datasheet HTML 7Page - National Semiconductor (TI) LM324AM Datasheet HTML 8Page - National Semiconductor (TI) LM324AM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LM124-N, LM224-N, LM2902-N, LM324-N
www.ti.com
SNOSC16B – MAY 2004 – REVISED SEPTEMBER 2004
ELECTRICAL CHARACTERISTICS (continued)
V
+ = +5.0V, (1), unless otherwise stated
LM124A
LM224A
LM324A
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Large Signal
V+ = +15V (VOSwing = 1V to 11V)
Voltage Gain
RL ≥ 2 kΩ
25
25
15
V/mV
Output Voltage
VOH
V+ = 30V
RL = 2 kΩ
26
26
26
V
Swing
(LM2902-N, V+ = 26V)
RL = 10 kΩ
27
28
27
28
27
28
VOL
V+ = 5V, RL = 10 kΩ
5
20
5
20
5
20
mV
Output Current
Source
VO = 2V
VIN
+ = +1V,
10
20
10
20
10
20
VIN
− = 0V,
V+ = 15V
mA
Sink
VIN
− = +1V,
10
15
5
8
5
8
VIN
+ = 0V,
V+ = 15V
ELECTRICAL CHARACTERISTICS
V
+ = +5.0V, (1), unless otherwise stated
LM124-N/LM224-N
LM324-N
LM2902-N
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA = 25°C
(2)
2
5
2
7
2
7
mV
Input Bias Current(3)
IIN(+) or IIN(−), VCM = 0V,
45
150
45
250
45
250
nA
TA = 25°C
Input Offset Current
IIN(+) or IIN(−), VCM = 0V,
3
30
5
50
5
50
nA
TA = 25°C
Input Common-Mode
V+ = 30V, (LM2902-N, V+ = 26V),
0
V+
−1.5
0
V+
−1.5
0
V+
−1.5
V
Voltage Range(4)
TA = 25°C
Supply Current
Over Full Temperature Range
RL = ∞ On All Op Amps
mA
V+ = 30V (LM2902-N V+ = 26V)
1.5
3
1.5
3
1.5
3
V+ = 5V
0.7
1.2
0.7
1.2
0.7
1.2
Large Signal
V+ = 15V, RL≥ 2kΩ,
50
100
25
100
25
100
V/mV
Voltage Gain
(VO = 1V to 11V), TA = 25°C
Common-Mode
DC, VCM = 0V to V
+ − 1.5V,
70
85
65
85
50
70
dB
Rejection Ratio
TA = 25°C
Power Supply
V+ = 5V to 30V
Rejection Ratio
(LM2902-N, V+ = 5V to 26V),
65
100
65
100
50
100
dB
TA = 25°C
Amplifier-to-Amplifier
f = 1 kHz to 20 kHz, TA = 25°C
−120
−120
−120
dB
Coupling(5)
(Input Referred)
(1)
These specifications are limited to
−55°C ≤ TA ≤ +125°C for the LM124-N/LM124A. With the LM224-N/LM224A, all temperature
specifications are limited to
−25°C ≤ TA ≤ +85°C, the LM324-N/LM324A temperature specifications are limited to 0°C ≤ TA ≤ +70°C, and
the LM2902-N specifications are limited to
−40°C ≤ TA ≤ +85°C.
(2)
VO ≃ 1.4V, RS = 0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+ − 1.5V) for LM2902-N, V+ from 5V to
26V.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(4)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The
upper end of the common-mode voltage range is V+
− 1.5V (at 25°C), but either or both inputs can go to +32V without damage (+26V
for LM2902-N), independent of the magnitude of V+.
(5)
Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This
typically can be detected as this type of capacitance increases at higher frequencies.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com