Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324AM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM324AM
Description  LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324AM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM324AM Datasheet HTML 2Page - National Semiconductor (TI) LM324AM Datasheet HTML 3Page - National Semiconductor (TI) LM324AM Datasheet HTML 4Page - National Semiconductor (TI) LM324AM Datasheet HTML 5Page - National Semiconductor (TI) LM324AM Datasheet HTML 6Page - National Semiconductor (TI) LM324AM Datasheet HTML 7Page - National Semiconductor (TI) LM324AM Datasheet HTML 8Page - National Semiconductor (TI) LM324AM Datasheet HTML 9Page - National Semiconductor (TI) LM324AM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM124-N, LM224-N, LM2902-N, LM324-N
SNOSC16B – MAY 2004 – REVISED SEPTEMBER 2004
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
V
+ = +5.0V, (1), unless otherwise stated
LM124-N/LM224-N
LM324-N
LM2902-N
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Output Current
Source
VIN
+ = 1V, V
IN
− = 0V,
20
40
20
40
20
40
V+ = 15V, VO = 2V, TA = 25°C
mA
Sink
VIN
− = 1V, V
IN
+ = 0V,
10
20
10
20
10
20
V+ = 15V, VO = 2V, TA = 25°C
VIN
− = 1V, V
IN
+ = 0V,
12
50
12
50
12
50
μA
V+ = 15V, VO = 200 mV, TA = 25°C
Short Circuit to Ground
V+ = 15V, TA = 25°C
(6)
40
60
40
60
40
60
mA
Input Offset Voltage
See(2)
7
9
10
mV
VOS Drift
RS = 0Ω
7
7
7
μV/°C
Input Offset Current
IIN(+) − IIN(−), VCM = 0V
100
150
45
200
nA
IOS Drift
RS = 0Ω
10
10
10
pA/°C
Input Bias Current
IIN(+) or IIN(−)
40
300
40
500
40
500
nA
Input Common-Mode
V+ = +30V
0
V+
−2
0
V+
−2
0
V+
−2
V
Voltage Range(4)
(LM2902-N, V+ = 26V)
Large Signal
V+ = +15V (VOSwing = 1V to 11V)
Voltage Gain
RL ≥ 2 kΩ
25
15
15
V/mV
Output Voltage
VOH
V+ = 30V
RL = 2 kΩ
26
26
22
V
Swing
(LM2902-N, V+ = 26V)
RL = 10 kΩ
27
28
27
28
23
24
VOL
V+ = 5V, RL = 10 kΩ
5
20
5
20
5
100
mV
Output Current
Source
VO = 2V
VIN
+ = +1V,
10
20
10
20
10
20
VIN
− = 0V,
V+ = 15V
mA
Sink
VIN
− = +1V,
5
8
5
8
5
8
VIN
+ = 0V,
V+ = 15V
(6)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V,
continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result
from simultaneous shorts on all amplifiers.
6
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com