Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA237 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA237
Description  SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA237 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OPA237 Datasheet HTML 1Page - National Semiconductor (TI) OPA237 Datasheet HTML 2Page - National Semiconductor (TI) OPA237 Datasheet HTML 3Page - National Semiconductor (TI) OPA237 Datasheet HTML 4Page - National Semiconductor (TI) OPA237 Datasheet HTML 5Page - National Semiconductor (TI) OPA237 Datasheet HTML 6Page - National Semiconductor (TI) OPA237 Datasheet HTML 7Page - National Semiconductor (TI) OPA237 Datasheet HTML 8Page - National Semiconductor (TI) OPA237 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FEATURES
D MICRO-SIZE, MINIATURE PACKAGES:
− Single: SOT23-5, SO-8
− Dual: MSOP-8, SO-8
− Quad: SSOP-16 (Obsolete)
D LOW OFFSET VOLTAGE: 750µV max
D WIDE SUPPLY RANGE:
− Single Supply: +2.7V to +36V
− Dual Supply:
+1.35V to +18V
D LOW QUIESCENT CURRENT: 350µV max
D WIDE BANDWIDTH: 1.5MHz
APPLICATIONS
D BATTERY-POWERED INSTRUMENTS
D PORTABLE DEVICES
D PCMCIA CARDS
D MEDICAL INSTRUMENTS
D TEST EQUIPMENT
1
2
3
5
4
V+
−In
Out
V
−
+In
OPA237
SOT23−5
DESCRIPTION
The OPA237 op amp family is one of Texas Instruments’
MicroAmplifier
 series of miniature products. In addition
to small size, these devices feature low offset voltage, low
quiescent current, low bias current, and a wide supply
range. Single, dual, and quad versions have identical
specifications for maximum design flexibility. They are
ideal
for
single-supply,
battery-operated,
and
space-limited applications, such as PCMCIA cards and
other portable instruments.
OPA237 series op amps can operate from either single or
dual supplies. When operated from a single supply, the
input common-mode range extends below ground and the
output can swing to within 10mV of ground. Dual and quad
designs feature completely independent circuitry for
lowest crosstalk and freedom from interaction.
Single, dual, and quad are offered in space-saving
surface-mount packages. The single version is available
in
the
ultra-miniature
5-lead
SOT23-5
and
SO-8
surface-mount. The dual version comes in a miniature
MSOP-8 and SO-8 surface-mount. The quad version is
obsolete. MSOP-8 has the same lead count as a SO-8 but
half the size. The SOT23-5 is even smaller at one-fourth
the size of an SO-8. All are specified for −40
°C to +85°C
operation. A macromodel is available for design analysis.
1
2
3
4
8
7
6
5
V+
Out B
−In B
+In B
Out A
−In A
+In A
V
−
OPA2237
SO−8, MSOP−8
A
B
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
−In
+In
V
−
OPA237
SO−8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Out D
−In D
+In D
V
−
+In C
−In C
Out C
NC
Out A
−In A
+In A
V+
+In B
−In B
Out B
NC
OPA4237
SSOP−16
AD
BC
MicroAmplifier is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.
OPA237
OPA2237
OPA4237
SBOS057A − OCTOBER 1996 − REVISED FEBRUARY 2007
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
MicroAmplifier
E Series
SSOP−16
Quad
(Obsolete)
SO−8
Single/Dual
MSOP Dual
SOT−23−5
Single
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 1996-2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA237

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA237 TI-OPA237 Datasheet
176Kb / 12P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
1Mb / 19P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA237 TI-OPA237 Datasheet
1Mb / 25P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
FEBRUARY 2007
More results

Similar Description - OPA237

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237 Datasheet
217Kb / 10P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA237 TI-OPA237 Datasheet
176Kb / 12P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com