Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA244 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA244
Description  MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA244 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button OPA244 Datasheet HTML 2Page - National Semiconductor (TI) OPA244 Datasheet HTML 3Page - National Semiconductor (TI) OPA244 Datasheet HTML 4Page - National Semiconductor (TI) OPA244 Datasheet HTML 5Page - National Semiconductor (TI) OPA244 Datasheet HTML 6Page - National Semiconductor (TI) OPA244 Datasheet HTML 7Page - National Semiconductor (TI) OPA244 Datasheet HTML 8Page - National Semiconductor (TI) OPA244 Datasheet HTML 9Page - National Semiconductor (TI) OPA244 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
®
OPA244, 2244, 4244
TYPICAL PERFORMANCE CURVES
At TA = 25°C, VS = +15V, and RL = 20kΩ connected to Ground, unless otherwise noted.
180
160
140
120
100
80
60
40
20
0
–20
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
1
Frequency (Hz)
10
100
1k
10k
100k
1M
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
All Models
Gain
Phase
160
150
140
130
120
110
100
90
80
70
60
CHANNEL SEPARATION
1
10
100
1k
10k
100k
OPA4244
Frequency (Hz)
OPA2244
OPA244
Frequency (Hz)
110
100
90
80
70
60
50
40
30
10
100
1k
10k
100k
1M
PSRR
OPA2244
OPA244
CMRR
120
110
100
90
80
70
60
1
10
100
OPEN-LOOP GAIN vs LOAD RESISTANCE
Load (k
Ω)
V
O = ±5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
15
14
13
12
11
10
–10
–11
–12
–13
–14
–15
0
±2
±4
±6
±8
±10
±14
±12
Output Current (mA)
25
°C
125
°C
–55
°C
–55
°C
125
°C
25
°C
R
L to VS/2
POWER SUPPLY AND COMMON-MODE REJECTION vs FREQUENCY
1
10
100
1k
10k
100k
1M
Frequency (Hz)
120
110
100
90
80
70
60
50
40
30
OPA4244
CMRR
PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com