Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA244 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA244
Description  MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA244 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button OPA244 Datasheet HTML 3Page - National Semiconductor (TI) OPA244 Datasheet HTML 4Page - National Semiconductor (TI) OPA244 Datasheet HTML 5Page - National Semiconductor (TI) OPA244 Datasheet HTML 6Page - National Semiconductor (TI) OPA244 Datasheet HTML 7Page - National Semiconductor (TI) OPA244 Datasheet HTML 8Page - National Semiconductor (TI) OPA244 Datasheet HTML 9Page - National Semiconductor (TI) OPA244 Datasheet HTML 10Page - National Semiconductor (TI) OPA244 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
OPA244, 2244, 4244
®
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = 25°C, VS = +15V, and RL = 20kΩ connected to Ground, unless otherwise noted.
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
–12
–10
–8
–6
–4
–2
–15
–10
–5
0
5
10
15
52
48
44
40
36
32
28
24
0
4
812
16
20
24
28
32
36
35
30
25
20
15
10
5
0
Supply Voltage (V)
QUIESCENT CURRENT AND SHORT-CIRCUIT
vs SUPPLY VOLTAGE
+I
SC
–I
SC
I
Q
120
100
80
60
40
20
0
COMMON-MODE REJECTION
vs SUPPY VOLTAGE
04
8
12
16
20
24
28
32
36
Suppy Voltage (V)
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
–75
–25
25
75
125
175
Temperature (
°C)
SLEW RATE vs TEMPERATURE
V
S = ±7.5, RL = 20kΩ,
C
L = 100pF, Gain = +1
+SR
–SR
125
120
115
110
105
100
95
90
85
80
–75
–50
–25
0
25
50
75
100
125
AOL, CMRR, PSRR vs TEMPERATURE
Temperature(
°C)
PSRR
CMRR
A
OL
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)
–12
–11
–10
–9
–8
–7
–6
–5
–75
–50
–25
0
25
50
75
100
125
–I
B
+I
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com