Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS235 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS235
Description  System Photoelectric Smoke Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS235 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS235 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics: TA = 25¡C, unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2
Absolute Maximum Ratings
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260¡C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183¡C, 230¡C peak
Storage Temperature Range ..................................................................................................................................-65¡C to 150¡C
Absolute Maximum Voltage
(pin 3)
38
V
Output Latch Current
100
mA
Operation Temperature
0
70
¡C
Range, TA
s 24V System (C2 = 100 µF, R7 = 12 M½)
Operating Voltage
(pin 3)
13.8
22.5
35
V
Average Supply Current
V (pin 3) = 22.5V
35
60
µA
Peak Supply Current
V (pin 3) = 22.5V )(non Òspeed upÓ)
100
µA
Peak Supply Current
V (pin 16) = 12V )(Òspeed upÓ)
150
350
µA
Regulator Voltage
(pin 16)
12.8
15.7
V
s 12V System (C2 = 150µF, R7 = 12M½)
Operating Voltage
(pin 3)
8.7
12
V
Average Supply Current
V (pin 3) = 12V
60
µA
Peak Supply Current
V (pin 3) = 12V (non Òspeed upÓ)
100
µA
Peak Supply Current
V (pin 16) = 8V (Òspeed upÓ mode)
350
µA
Regulator Voltage
(pin 16) (V pin 3 = 12V)
11.85
V
s Oscillator
Output Frequency
R6 = 18k½, C3 = .0068µF
2.1
3.3
4.4
kHz
Sink Current
(pin 14)
16
26
35
µA
Source Current
(pin 14)
19
26
32
µA
High Trip Point Voltage
(pin 14)
1.8
1.9
2.2
V
Low Trip Point Voltage
(pin 14)
1.2
1.4
1.5
V
s LED Drive (Detector LED and Status LED)
Source Current (pin 15)
R8=36½
Detector LED
V IR LED = 1.156V
20
30
40
mA
Status LED (alarm)
V Status LED = 1.99V
10
mA
Regulator Voltage (pin 15)
ISOURCE = 30mA
3.7
4.4
5.2
V
s Amplifier A1
Fixed Gain
26
dB
Input Current B1
(pin 5)
500
1000
nA
Input Current B2
(pin 6)
500
1000
nA
Input current (B1-B2)
250
nA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com