Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS235 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS235
Description  System Photoelectric Smoke Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS235 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS235 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS235 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics: TA = 25¡C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3
s Amplifier A2
DC Output (pin 9)
R3 = 6k½, R4 = 510½, C5 = .47µF
2.5
V
Input Bias Current (pin 8)
(Externally adjusted gain
250
nA
with R3 and R4. Unity DC gain)
Voltage gain @ 3.5kHz
(Externally adjusted gain
21.6
dB
with R3 and R4. Unity DC gain)
s Detector and Reference Output (C4 = .47µF)
Reference Resistance
13
19
25
k½
Reference Voltage
(pin 10)
1.8
3.6
5.5
V
Detector Output Resistance
10
15
20
k½
Detector Output Voltage
(pin 11)
1.4
2.8
4.3
V
(No signal, and at 2X time Constant)
s Main Timer (R1 = 20M½, R2 = 75k½, C1 = .47µF)
Power Up Pulse Period
Standby Mode (pin 1)
8
10
12
Sec
Power Up Pulse Period
Speed Up Mode (pin 1)
1.5
2
2.5
Sec
Power Up Pulse Width
(pin 1)
20
ms
Gate Pulse Width
Power up pulse width 12
10
ms
Sink Current (pin 18)
V (pin 16) = 16V
415
460
505
nA
Source Current (pin 18)
V (pin 16) = 16V
-220
-235
-250
µA
s Output Circuit
Output Latch Voltage
(pin 3) ISUPPLY = 100mA
4.4
5.2
6.1
V
Leakage Current
V (pin 3) = 38V, V (pins 2, 16) = 0V
500
µA
s Alarm
Alarm Reset
Supply interruption
5
Sec
Power up time
30
Sec
System will go into alarm upon detection and transfer of three consecutive alarm level signals into the counter.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com