Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC08L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC08L-S14-R
Description  QUAD 2-INPUT AND GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC08L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC08L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC08L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC08L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC08L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC08L-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC08
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-236.D
QUAD 2-INPUT AND GATES
DESCRIPTION
The U74HC08 contains four independent 2-input AND gates,
perform the Boolean function Y = A • B or Y =
in positive logic.
A+ B
FEATURES
* Operation Voltage Range: 2~6V
* Low Quiescent Current:
ICC=2µA (Max)
* High Speed:
tPD=8ns(Typ)
* Low Input Current:
100nA (Max)
DIP-14
SOP-14
TSSOP-14
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC08L-S14-R
U74HC08G-S14-R
SOP-14
Tape Reel
U74HC08L-S14-T
U74HC08G-S14-T
SOP-14
Tube
U74HC08L-D14-T
U74HC08G-D14-T
DIP-14
Tube
U74HC08L-P14-R
U74HC08G-P14-R
TSSOP-14
Tape Reel
U74HC08L-P14-T
U74HC08G-P14-T
TSSOP-14
Tube


Similar Part No. - U74HC08L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC08L-D14-T UTC-U74HC08L-D14-T Datasheet
203Kb / 5P
QUAD 2-INPUT AND GATES
More results

Similar Description - U74HC08L-S14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5408 NSC-5408 Datasheet
92Kb / 4P
Quad 2-Input AND Gates
logo
Hitachi Semiconductor
HD74HC08 HITACHI-HD74HC08 Datasheet
45Kb / 8P
Quad. 2-input AND Gates
HD74LV08A HITACHI-HD74LV08A Datasheet
51Kb / 12P
Quad. 2-input AND Gates
HD74LVC08 HITACHI-HD74LVC08 Datasheet
35Kb / 7P
Quad. 2-input AND Gates
logo
Fairchild Semiconductor
DM74LS08N FAIRCHILD-DM74LS08N Datasheet
59Kb / 5P
Quad 2-Input AND Gates
logo
Renesas Technology Corp
RD74LVC08B RENESAS-RD74LVC08B Datasheet
69Kb / 8P
Quad. 2-input AND Gates
HD74LV08A RENESAS-HD74LV08A Datasheet
65Kb / 8P
Quad. 2-input AND Gates
HD74HC08 RENESAS-HD74HC08 Datasheet
91Kb / 7P
Quad. 2-input AND Gates
HD74HC08 RENESAS-HD74HC08_15 Datasheet
123Kb / 9P
Quad. 2-input AND Gates
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B_15 Datasheet
168Kb / 5P
QUAD 2-INPUT AND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com