Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC08 Datasheet (PDF) - Hitachi Semiconductor

HD74LVC08 Datasheet PDF - Hitachi Semiconductor
Part # HD74LVC08
Download  HD74LVC08 Download
File Size   35.01 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input AND Gates

HD74LVC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVC08 Datasheet PDF - Hitachi Semiconductor

Part # HD74LVC08
Download  HD74LVC08 Click to download

File Size   35.01 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input AND Gates

HD74LVC08 Datasheet (HTML) - Hitachi Semiconductor


HD74LVC08 Product details

Description
The HD74LVC08 has four 2-input AND gates in a 14 pin package. Low voltage and high speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.

Features
• VCC = 2.0 V to 5.5 V
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V to 5.5 V)




Similar Part No. - HD74LVC08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC08 RENESAS-HD74LVC08 Datasheet
176Kb / 6P
Quad. 2-input AND Gates
HD74LVC08FPEL RENESAS-HD74LVC08FPEL Datasheet
176Kb / 6P
Quad. 2-input AND Gates
HD74LVC08TELL RENESAS-HD74LVC08TELL Datasheet
176Kb / 6P
Quad. 2-input AND Gates
More results


Similar Description - HD74LVC08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5408 NSC-5408 Datasheet
92Kb / 4P
Quad 2-Input AND Gates
logo
Hitachi Semiconductor
HD74HC08 HITACHI-HD74HC08 Datasheet
45Kb / 8P
Quad. 2-input AND Gates
HD74LV08A HITACHI-HD74LV08A Datasheet
51Kb / 12P
Quad. 2-input AND Gates
logo
Fairchild Semiconductor
DM74LS08N FAIRCHILD-DM74LS08N Datasheet
59Kb / 5P
Quad 2-Input AND Gates
logo
Renesas Technology Corp
RD74LVC08B RENESAS-RD74LVC08B Datasheet
69Kb / 8P
Quad. 2-input AND Gates
HD74LV08A RENESAS-HD74LV08A Datasheet
65Kb / 8P
Quad. 2-input AND Gates
HD74HC08 RENESAS-HD74HC08 Datasheet
91Kb / 7P
Quad. 2-input AND Gates
logo
Unisonic Technologies
U74HC08 UTC-U74HC08 Datasheet
151Kb / 5P
QUAD 2-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC08 RENESAS-HD74HC08_15 Datasheet
123Kb / 9P
Quad. 2-input AND Gates
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B_15 Datasheet
168Kb / 5P
QUAD 2-INPUT AND GATES
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com