Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC08 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74LVC08
Description  Quad. 2-input AND Gates
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC08 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74LVC08 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74LVC08
2
Pin Arrangement
(Top view)
11
12
13
14 VCC
4B
4A
4Y
3B
3A
1
2
3
4
5
6
7
8
9
10
1A
GND
1B
1Y
2A
2B
2Y
3Y
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
V
CC
–0.5 to 6.0
V
Input diode current
I
IK
–50
mA
V
I = –0.5 V
Input voltage
V
I
–0.5 to 6.0
V
Output diode current
I
OK
–50
mA
V
O = –0.5 V
50
mA
V
O = VCC+0.5 V
Output voltage
V
O
–0.5 to V
CC+0.5
V
Output current
I
O
±50
mA
V
CC, GND current / pin
I
CC or IGND
100
mA
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values which must not individually be exceeded, and furthermore,
no two of which may be realized at the same time.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com