Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC08 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74LVC08
Description  Quad. 2-input AND Gates
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC08 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74LVC08 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC08 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74LVC08
3
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
V
CC
1.5 to 5.5
V
Data retention
2.0 to 5.5
V
At operation
Input / Output voltage
V
I
0 to 5.5
V
A, B
V
O
0 to V
CC
VY
Operating temperature
Ta
–40 to 85
°C
Output current
I
OH
–12
mA
V
CC = 2.7 V
–24
*2
mA
V
CC = 3.0 V to 5.5 V
I
OL
12
mA
V
CC = 2.7 V
24
*2
mA
V
CC = 3.0 V to 5.5 V
Input rise / fall time
*1
t
r, t f
10
ns/V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform : Refer to test circuit of switching characteristics.
2. duty cycle
≤ 50%
Electrical Characteristics
Ta = –40 to 85
°C
Item
Symbol V
CC (V)
Min
Max
Unit Test Conditions
Input voltage
V
IH
2.7 to 3.6
2.0
—
V
4.5 to 5.5
V
CC×0.7
—
V
V
IL
2.7 to 3.6
—
0.8
V
4.5 to 5.5
—
V
CC×0.3
V
Output voltage
V
OH
2.7 to 5.5
V
CC–0.2
—
V
I
OH = –100 µA
2.7
2.2
—
V
I
OH = –12 mA
3.0
2.4
—
V
I
OH = –12 mA
3.0
2.0
—
V
I
OH = –24 mA
4.5
3.8
—
V
I
OH = –24 mA
V
OL
2.7 to 5.5
—
0.2
V
I
OL = 100 µA
2.7
—
0.4
V
I
OL = 12 mA
3.0
—
0.55
V
I
OL = 24 mA
4.5
—
0.55
V
I
OL = 24 mA
Input current
I
IN
0 to 5.5
—
±5.0
µAV
IN = 5.5 V or GND
Quiescent supply current I
CC
5.5
—
20
µAV
IN = VCC or GND
∆I
CC
3.0 to 3.6
—
500
µAV
IN = one input at (VCC–0.6)V,
other inputs at V
CC or GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com