Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS289 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS289
Description  20mA Air-Core Tachometer Drive Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS289 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS289 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS289 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS289 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS289 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS289 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS289 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Regulator
+Ð
V
Z
C
pÐ
Gnd
V
SINE
VBIAS
C
P+
Pwr Gnd
V
COS
S
QIN
F/V OUT
V
CC
V
REG
S
QOUT
Function
Generator
Charge
Pump
s
Single Supply Operation
s
On-Chip Regulation
s
20mA Output Drive
Capability
Package Options
20L SOIC Wide
(internally fused leads)
14L PDIP
20mA Air-Core Tachometer Drive Circuit
1
VZ
VSINE
VBIAS
Gnd
C PÐ
CP+
NC
VCC
VCOS
VREG
SQIN
SQOUT
F/VOUT
Gnd
Gnd
Gnd
Gnd
Gnd
Gnd
Gnd
1
VZ
VSINE
VBIAS
Gnd
C PÐ
CP+
NC
Pwr Gnd
VCC
VCOS
VREG
SQIN
SQOUT
F/VOUT
CS289
Description
The CS289 is specifically designed
for use with air-core meter move-
ments. The IC has charge pump cir-
cuitry for frequency-to-voltage con-
version, a shunt regulator for stable
operation, a function generator, and
sine and cosine amplifiers. The
buffered sine and cosine outputs
will typically sink or source 20mA.
Block Diagram
Absolute Maximum Ratings
Supply Voltage (VCC)......................................................................................20V
Operating Temperature ............................................................Ð40¡C to +100¡C
Junction Temperature..................................................................Ð40¡C to 150¡C
Storage Temperature.................................................................Ð65¡C to +150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only)...........10 sec. max, 260¡C peak
Reflow (SMD styles only)............60 sec. max above 183¡C, 230¡C peak
1
Rev. 3/8/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS289

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS289 ONSEMI-CS289 Datasheet
64Kb / 8P
20mA Air-Core Tachometer Drive Circuit
December, 2001 - Rev. 4
More results

Similar Description - CS289

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1670 NTE-NTE1670 Datasheet
22Kb / 2P
Integrated Circuit Air Core Meter Driver
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
Air Core Inductors
logo
API Delevan
4726-22 API-4726-22 Datasheet
321Kb / 1P
Air Core Inductors
logo
Coilcraft lnc.
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
Air Core Inductors
4726R API-4726R Datasheet
1Mb / 1P
Air Core Inductors
5526R API-5526R Datasheet
1Mb / 1P
Air Core Inductors
logo
ON Semiconductor
CS289 ONSEMI-CS289 Datasheet
64Kb / 8P
20mA Air-Core Tachometer Drive Circuit
December, 2001 - Rev. 4
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
Air Core Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com