Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS289 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS289
Description  20mA Air-Core Tachometer Drive Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS289 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS289 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS289 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS289 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS289 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS289 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS289 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Function Generator Output (
Æ): VCC=13.1V, TA=25¡C
Æ=ArcTan
(Measured angle after calibration at 180¡C)
For
ÆA=45¡, 90¡, 135¡, 180¡, 225¡, 270¡, (Desired angle)
(
ÆA-ÆM)²4.0¡
Temperature Sensitivity: VCC=13.1V
Æ
ÆMT=ÆM (T=25¡C) -ÆM (-20¡C²T²+85¡C)
(Æ
ÆMT)²3.5¡C, -20¡C²T²+85¡C
Voltage Sensitivity: TA=25¡C
Æ
ÆMV=ÆM (VCC=13.1V) -ÆM (11.3V²VCC²15V)
(Æ
ÆMV)²2¡, 11.3V²VCC²15V
Vsine
Vcos
B+
100
W
ZENER
5.4V
SINE
80mH
225
80mH
225
B+
15
18V
R2
2k
W
2k
W
1k
W
EQ
TACH INPUT
RT
180k
W
*
COUT
1
mF
±10%
R1
1k
W
CT
0.01
mF
* ADJUST FOR TRIMMING
CS289
Figure 1. Functional Diagram of CS289 Circuit.
The input frequency is buffered through a transistor, then
applied to the charge pump for frequency-to-voltage con-
version (Figure 1). The charge pump output voltage, E
Æ,
will range from 2.1V with no input (
Æ= 0¡) to 7.1V at Æ =
270¡. The charge that appears on CT is reflected to COUT
through a Norton amplifier. The frequency applied at
SQIN charges and discharges CT through R1 and R2. COUT
reflects the charge as a voltage across resistor RT.
Circuit Description
Charge Pump
Function Generator/Sine and Cosine Amplifiers
The output waveforms of the sine and cosine amplifiers
are derived by On-Chip Amplifier/Comparator circuitry.
The various trip points for the circuit (i.e. 90¡, 180¡, 270¡)
are determined by an internal resistor divider connected
to the voltage regulator. The voltage E
Æ is compared to
the divider network by the function generator circuitry.
Use of an external zener reference at VZ allows both sine
and cosine amplifiers to swing positive and negative with
respect to this reference. The output magnitudes and
directions have the relationship as shown in Typical
Characteristics diagrams.
Note: Pin connections referenced are for the 14L DIP.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com