Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS291 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS291
Description  Ignition Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS291 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS291 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS291 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS291 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS291 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s
Input
Positive Threshold
66
%VBAT
Negative Threshold
VBAT =16V
29
%VBAT
VBAT = 6V
29
Hysteresis
9%VBAT
Input Impedance
Input = 100µA
70
325
kΩ
VCC Negative Edge Filter
VBAT = 16V
18
1100
µs
VBAT = 6V
4
1100
s
Output Stage
Negative Edge Delay
VBAT = 6V
1.1
3.1
ms
(Start Mode)
Positive Edge Delay
VBAT = 5V
1.06
1.80
ms
(Start Mode)
Delay Time
VBAT = 14V
0
16
µs
(Start High to Output Low)
Output Current
VBAT = 6V
40
65
mA
Output SOA
VBAT = 22V
40
65
mA
Output Leakage
VBAT = 18V
0
100
uA
Output Clamp Voltage
Output = 10mA
13.7
17
V
Output Clamp Impedance
Output = 10mA
10
80
(Refers to Collector Sense Voltage pin)
High Frequency On Time
VBAT = 14V
70
80
%
s
General
ICC
VBAT = 6V
1.4
4.6
mA
VBAT = 16V
5
19
AC Gain
VBAT = 14V
0.8
1.2
V/V
Adaptive Cap Gain
VCS Regulation
VBAT = 6V
140
210
mV
High Voltage Shutdown
24.3
31
V
s
Stall
VSTALL Soft Shutdown Voltage
VCS = 6V
0
11
mV
Soft Shutdown Frequency
VBAT = 14V
1.0
2.6
Hz
Soft Shutdown Time
VBAT = 6V
13.1
27
ms
Stall to Spark Output Delay
VBAT = 14V
4.5
8.9
ms
Battery Interrupt Time
VBAT = 14V
25
750
ms
Battery Interrupt Recovery Time
(200 Hz)
0
800
ms
s
Dwell
Dwell @ 10Hz
VBAT = 5V
46
54
%
(Start Mode)
Start to Output Disable Time
VBAT = 14V
65
135
ms
Excess Dwell @ 20Hz
VBAT = 14V
14
20.8
%
(Run Mode)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2
Electrical Characteristics: 6V < VB < 16V, −30°C < TA < 125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com