Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS291 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS291
Description  Ignition Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS291 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS291 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS291 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS291 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS291 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
VCC
Start
D
IN+
IN−
25/75
AC
MB
Gnd
BI
CS
CVS
OUT
CS290
VBAT
0.1µF
330
27k
1k
55
18V
Ignition
Coil
5k
5k
VIN+
VIN−
CRUN
0.1µF
CADAPTIVE
0.1µF
3.2M
(optional)
15.3k
CSTALL
0.1µF
200
56
200
4k
16k
0.05
Adjust for 6.5A (max)
Coil Current
s
40mA Driver
s
Stall Timing
s
Output Current Control
s
Output Clamp
s
Overvoltage Shutdown
Package Options
Ignition Controller
CS290/291
Description
The CS290/291 are integrated cir-
cuits to be used in the automotive
ignition system. The application
diagram shown below highlights
the CS290. The CS291 is identical
with the differential input replaced
by a single-ended input. The part is
capable of withstanding 90V load
dump transients in the circuit
shown below. The part is also
reverse battery protected.
Application Diagram
Absolute Maximum Ratings
Power supply voltage, VBAT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .−0.3V to 22V
Peak Transient Voltage (Load Dump 76V @ 14V VBAT) . . . . . . . . . . . . . . . .90V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .−55°C to 165°C
Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150°C
Lead Temperature Soldering
Wave Solder (through hole styles only) . . . . . . .10 sec. max, 260°C peak
Reflow (SMD styles only) . . . . . . .60 sec. max above 183°C, 230°C peak
1
Gnd
MB
AC
25/75
VIN+
VIN−
Start
VCC
D
CVS
OUT
NC
CS
BI
14 Lead PDIP
1
16 Lead SO Wide
A
Company
®
Rev. 3/8/99
1
Gnd
MB
AC
25/75
VIN+
VIN−
Start
VCC
D
CVS
OUT
NC
CS
BI
NC
NC
1
Gnd
MB
AC
25/75
VIN−
Start
VCC
D
CVS
OUT
TEST
CS
BI
NC
NC
NC
Consult Factory for Flip Chip
CS290
CS291
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS291

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS29 IXYS-CS29 Datasheet
58Kb / 2P
Phase Control Thyristor
CS29-08IO1C IXYS-CS29-08IO1C Datasheet
58Kb / 2P
Phase Control Thyristor
CS29-12IO1C IXYS-CS29-12IO1C Datasheet
58Kb / 2P
Phase Control Thyristor
logo
Cherry Semiconductor Co...
CS294 CHERRY-CS294 Datasheet
120Kb / 4P
Ground Fault Interrupter
Rev. 1/20/99
CS294GD8 CHERRY-CS294GD8 Datasheet
120Kb / 4P
Ground Fault Interrupter
Rev. 1/20/99
More results

Similar Description - CS291

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L482 STMICROELECTRONICS-L482 Datasheet
169Kb / 11P
HALL.EFFECT PICKUP IGNITION CONTROLLER
Nov-1991
L484 STMICROELECTRONICS-L484 Datasheet
442Kb / 11P
MAGNETIC PICKUP IGNITION CONTROLLER
Sep-2003
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
HALL EFFECT PICKUP IGNITION CONTROLLER
Mar-1998
logo
Unisonic Technologies
UL497 UTC-UL497 Datasheet
198Kb / 8P
HALL EFFECT PICKUP IGNITION CONTROLLER
UL497 UTC-UL497_15 Datasheet
198Kb / 8P
HALL EFFECT PICKUP IGNITION CONTROLLER
logo
Mallory performance clu...
PN4248 MALLORY-PN4248 Datasheet
641Kb / 8P
MSD Blaster FI Fuel/Ignition Controller
logo
VACUUMSCHMELZE GmbH & C...
T60403-D4721-X006 VACUUMSCHMELZE-T60403-D4721-X006 Datasheet
33Kb / 2P
Ignition Transformer
T60403-D4721-X007 VACUUMSCHMELZE-T60403-D4721-X007 Datasheet
40Kb / 2P
Ignition Transformer
T60403-D4721-X012 VACUUMSCHMELZE-T60403-D4721-X012 Datasheet
85Kb / 1P
Ignition Transformer
logo
Pulse A Technitrol Comp...
125-0028.0 PULSE-125-0028.0 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com