Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS299 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS299
Description  Darlington Lamp Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS299 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS299 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS299 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS299 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS299 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
D1
Q1
B
Q2
R1
600
C1
C2
Gnd
s
DC Current Gain 1000
s
80V Breakdown Voltage
s
Reverse Battery protection
Package Option
Darlington Lamp Driver
CS299
Description
This integrated circuit is a flip
chip lamp driver for use in an
automotive alternator system.
The circuit drives an indicator
lamp located on the dash-
board. Reverse battery protec-
tion is provided with internal
diode, D1, and external resis-
tors on B, C1 and C2.
Block Diagram
Absolute Maximum Ratings
Storage Temperature .....................................................................-65¡C ~ 150¡C
Ambient Operating Temperature................................................-40¡C ~ 140¡C
Collector Breakdown Voltage ........................................................................80V
Flip Chip
1
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨
Rev. 3/29/99


Similar Part No. - CS299

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS299 ONSEMI-CS299 Datasheet
36Kb / 4P
Darlington Lamp Drive
January, 2002 ??Rev. 3
CS299H ONSEMI-CS299H Datasheet
36Kb / 4P
Darlington Lamp Drive
January, 2002 ??Rev. 3
More results

Similar Description - CS299

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
7CH DARLINGTON SINK DRIVER
logo
NEC
UPA81C NEC-UPA81C Datasheet
387Kb / 2P
LED, LAMP DRIVER NPN SILICON EPTAXIAL DARLINGTON TRANSISTOR ARRAY
logo
Unisonic Technologies
ULN2004 UTC-ULN2004 Datasheet
206Kb / 8P
7CH DARLINGTON SINK DRIVER
ULN2004 UTC-ULN2004_15 Datasheet
280Kb / 9P
7CH DARLINGTON SINK DRIVER
logo
ON Semiconductor
CS299 ONSEMI-CS299 Datasheet
36Kb / 4P
Darlington Lamp Drive
January, 2002 ??Rev. 3
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_17 Datasheet
492Kb / 10P
7CH DARLINGTON SINK DRIVER
ULN2001 UTC-ULN2001 Datasheet
219Kb / 6P
3CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com